Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD2985 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LD2985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD2985 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button LD2985_10 Datasheet HTML 2Page - Unisonic Technologies LD2985_10 Datasheet HTML 3Page - Unisonic Technologies LD2985_10 Datasheet HTML 4Page - Unisonic Technologies LD2985_10 Datasheet HTML 5Page - Unisonic Technologies LD2985_10 Datasheet HTML 6Page - Unisonic Technologies LD2985_10 Datasheet HTML 7Page - Unisonic Technologies LD2985_10 Datasheet HTML 8Page - Unisonic Technologies LD2985_10 Datasheet HTML 9Page - Unisonic Technologies LD2985_10 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LD2985
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 23
www.unisonic.com.tw
QW-R102-024.G
ELECTRICAL CHARACTERISTICS(Cont.)
FOR VOUT=2.5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Input Voltage
VI(OPR)
16
V
VIN=3.5V
2.450
2.5
2.550
V
Output Voltage
VOUT
IOUT=1 ~ 150mA
2.425
2.575
V
Short Circuit Current
ISC
RL=0
400
mA
Line Regulation
V
OUT
VIN=VOUT+1V ~ 16V, IOUT=1mA
30
mV
IOUT=0
1
3
mV
TJ=-20 ~ 125°C, IOUT =0
5
mV
IOUT=1mA
7
10
mV
IOUT=1mA, TJ=-20 ~ 125°C
15
mV
IOUT=10mA
40
60
mV
IOUT=10mA, TJ=-20 ~ 125°C
90
mV
IOUT=50mA
120
150
mV
IOUT=50mA, TJ=-20 ~ 125°C
225
mV
IOUT=150mA
280
350
mV
Dropout Voltage
VD
IOUT=150mA, TJ=-20 ~ 125°C
575
mV
IOUT=0
80
100
μA
TJ=-20 ~ 125°C, IOUT=0
150
μA
IOUT=1mA
100
150
μA
IOUT=1mA, TJ=-20 ~ 125°C
200
μA
IOUT=10mA
200
300
μA
IOUT=10mA, TJ=-20 ~ 125°C
400
μA
IOUT=50mA
600
1050
μA
IOUT=50mA, TJ=-20 ~ 125°C
1200
μA
IOUT=150mA
2000
3000
μA
IOUT=150mA, TJ=-20 ~ 125°C
4000
μA
OFF MODE VINH<0.18V
0
μA
Quiescent Current
IQ
OFF MODE VINH<0.18V
TJ=-20 ~ 125°C
2
μA
Supply Voltage Rejection
SVR
CBYP=0.01μF, Co=10μF, f=1KHz
45
dB
Control Input Logic Low
VIL
TJ=-20 ~ 125°C
0.15
V
Control Input Logic High
VIH
TJ=-20 ~ 125°C
2
V
TJ=-20 ~ 125°C, VSHDN=5V
5
15
μA
Control Input Current
IINH
TJ=-20 ~ 125°C, VSHDN=0V
0
-1
μA
Output Noise Voltage
eN
B=300Hz ~ 50KHz
CBYP=0.01μF, Co=10μF
30
μV


Similar Part No. - LD2985_10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD2985 UTC-LD2985_11 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
LD2985 UTC-LD2985_17 Datasheet
292Kb / 15P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE
More results

Similar Description - LD2985_10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD2985 UTC-LD2985_11 Datasheet
353Kb / 23P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
LD2985 UTC-LD2985_17 Datasheet
292Kb / 15P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE
logo
STMicroelectronics
LD2985 STMICROELECTRONICS-LD2985 Datasheet
301Kb / 13P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
E-Tech Electronics LTD
LD1985 ETL-LD1985 Datasheet
294Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985_V01 Datasheet
359Kb / 16P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE,WITH INHIBIT FUNCTION
logo
STMicroelectronics
LD2982 STMICROELECTRONICS-LD2982 Datasheet
296Kb / 13P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE
logo
Unisonic Technologies
LD1985 UTC-LD1985_05 Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD2985 UTC-LD2985 Datasheet
148Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985 UTC-LD1985_10 Datasheet
253Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
E-Tech Electronics LTD
LD2985 ETL-LD2985 Datasheet
355Kb / 15P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com