Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L11810 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L11810
Description  1A CMOS LOW DROPOUT VOLTAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L11810 Datasheet(HTML) 4 Page - Unisonic Technologies

  L11810 Datasheet HTML 1Page - Unisonic Technologies L11810 Datasheet HTML 2Page - Unisonic Technologies L11810 Datasheet HTML 3Page - Unisonic Technologies L11810 Datasheet HTML 4Page - Unisonic Technologies L11810 Datasheet HTML 5Page - Unisonic Technologies L11810 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
L11810
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-329.c
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
8
V
Input ,Output Voltage
GND - 0.3 ~ VIN + 0.3
V
Output Current
IOUT
1.2
A
Power Dissipation
PD
900
mW
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
- 40 ~ +85
°C
Storage Temperature
TSTG
- 65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
120
°C/W
Junction to Case (Note)
θJC
25
°C/W
Note: Measure θJC on backside center of tab
ELECTRICAL CHARACTERISTICS (Ta = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Input Voltage
VIN
Note1
7
V
Output Voltage Accuracy
VOUT
IOUT =1mA
-1.5
1.5
%
1.8V≤VOUT≤2.0V
-0.15
0.15
%
2.0V<VOUT<4.0V
-0.1 0.02
0.1
%
Line Regulation
OUT
OUT
V
V
Δ
IOUT =1mA,
VIN=VOUT+1~VOUT+2
VOUT≥4.0V
-0.4
0.2
0.4
%
Load Regulation
OUT
OUT
V
V
Δ
IOUT =1mA~1000mA
0.4
1.2
%
Output Current
IOUT
VOUT≥1.8V
1000
mA
Current Limit
ILIMIT
VOUT≥1.8V
1100
mA
Short Circuit Current
ISC
VOUT<0.8V
400
800
mA
Quiescent Current
IQ
IOUT=0mA
30
50
µA
Ground Pin Current
IGND
IOUT =1mA~1000mA
35
µA
1.8V≤VOUT(NOM≤2.0V
1700
mV
2.0V<VOUT(NOM≤2.8V
1200
mV
Dropout Voltage
VD
IOUT=1A
VOUT=VOUT(NOM) -2.0%
2.8V<VOUT(NOM)
1000
mV
Over Temperature Shutdown
OTS
150
°C
Over Temperature Hysteresis
OTH
30
°C
Temperature Coefficient of
Output Voltage
TCVO
30
ppm/°C
f=100Hz
60
dB
f=1kHz
50
dB
Power Supply Ripple
Rejection
PSRR
IOUT=100mA
CO =2.2µF
f=10kHz
20
dB
Output Voltage Noise
eN
IOUT=10mA, COUT=2.2μF, f=10Hz~100kHz
30
µVrms
Notes:1.VIN(MIN)=VOUT+VD
2.To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage
must be applied before a current source load is applied.


Similar Part No. - L11810

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L11810 UTC-L11810 Datasheet
150Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810G-XX-AA3-A-R UTC-L11810G-XX-AA3-A-R Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810G-XX-AA3-D-R UTC-L11810G-XX-AA3-D-R Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810L-XX-AA3-A-R UTC-L11810L-XX-AA3-A-R Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
More results

Similar Description - L11810

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L11810 UTC-L11810_12 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810 Datasheet
150Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
logo
ON Semiconductor
NCP694 ONSEMI-NCP694_11 Datasheet
464Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
June, 2011 ??Rev. 2
NCP693 ONSEMI-NCP693 Datasheet
599Kb / 12P
   1A CMOS Low-Dropout Voltage Regulator
September, 2009 ??Rev. 0
NCP694 ONSEMI-NCP694 Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
logo
Analog Microelectronics
AME8827 AME-AME8827 Datasheet
161Kb / 16P
   Low Dropout 1A CMOS Regulator
logo
National Semiconductor ...
LP38690 NSC-LP38690 Datasheet
820Kb / 15P
   1A Low Dropout CMOS Linear Regulators
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com