Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5201L-AD-SM1-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L5201L-AD-SM1-R
Description  LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5201L-AD-SM1-R Datasheet(HTML) 6 Page - Unisonic Technologies

  L5201L-AD-SM1-R Datasheet HTML 1Page - Unisonic Technologies L5201L-AD-SM1-R Datasheet HTML 2Page - Unisonic Technologies L5201L-AD-SM1-R Datasheet HTML 3Page - Unisonic Technologies L5201L-AD-SM1-R Datasheet HTML 4Page - Unisonic Technologies L5201L-AD-SM1-R Datasheet HTML 5Page - Unisonic Technologies L5201L-AD-SM1-R Datasheet HTML 6Page - Unisonic Technologies L5201L-AD-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
L5201
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-107,A
TYPICAL CHARACTERISTICS
Ch1 2.00V Ch2 2.00V 100µs Ch1 1.52V
2
1
Startup Time with 50mA Load
T
T
VOUT
VSHDN
Ch1 2.00V Ch2 2.00V 100µs Ch1 1.52V
2
1
Startup Time with 90mA Load
T
T
VOUT
VSHDN
Ch1 10.0mV
M 1.00µs Ch1 5.60mV
1
Output Ripple With IOUT=50mA
T
T
Ch1 10.0mV
M 1.00µs Ch1 5.40mV
1
Output Ripple With IOUT=90mA
T
T
010
30 40 50
70
90
Output Current (mA)
Output Voltage vs Output Current
20
60
80
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
VIN=3.6V
VIN=2.7V
VIN=3.0V
5.2
5.05
4.95
4.8
2.5
3.0
3.5
4.0
4.5
5.0
Supply Voltage (V)
4.85
5
5.1
Output Voltage vs Supply Voltage
Ta = 25℃
4.9
5.15
Ta = -40℃
IOUT=20mA
Ta = 100℃


Similar Part No. - L5201L-AD-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
   CMOS IC
More results

Similar Description - L5201L-AD-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5200 UTC-L5200_15 Datasheet
403Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200 Datasheet
159Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200_16 Datasheet
401Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Linear Technology
LTC3200 LINER-LTC3200 Datasheet
193Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
LTC3200-5 LINER-LTC3200-5_15 Datasheet
185Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
LTC3200 LINER-LTC3200_15 Datasheet
185Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com