Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-5325-1625-HSS Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # DL-5325-1625-HSS
Description  1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5325-1625-HSS Datasheet(HTML) 3 Page - Optoway Technology Inc

  DL-5325-1625-HSS Datasheet HTML 1Page - Optoway Technology Inc DL-5325-1625-HSS Datasheet HTML 2Page - Optoway Technology Inc DL-5325-1625-HSS Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Optoway
DL-5300-1625
********************************************************************************************************************************************************
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/10/2009 V3.0
ORDER INFORMATION
Part No.: D
L
− 5 3 □ □ □ − 1 6 2 5 − □
□ □
S
Code
Pout (mW)
Code
Flange
Code
Isolator
2
1
V
Vertical
S
Single-Stage
3
2
H
Horizontal
X
No Flange
Code
Pin Assignment
0
Type A
Code
Connector
5
Type B
S
SC/PC
8
Type C
F
FC/PC
T
ST/PC
Code
Speed
L
LC/PC
Blank
1.25 Gbps
X
No connector
S
2.5 Gbps
SA
SC/APC
FA
FC/APC
TA
ST/APC
LA
LC/APC
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
5/1/2003
2.0
Combine 1.25G and 2.5G characteristics in one data sheet
12/1/2007
3.0
Revise mechanical dimension and order information
4/10/2009


Similar Part No. - DL-5325-1625-HSS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5325-1625-HSS OPTOWAY-DL-5325-1625-HSS Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5325-1625-HSS OPTOWAY-DL-5325-1625-HSS Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
More results

Similar Description - DL-5325-1625-HSS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5500-1625 OPTOWAY-DL-5500-1625 Datasheet
111Kb / 2P
   1625 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5500-1625 OPTOWAY-DL-5500-1625_09 Datasheet
90Kb / 4P
   1625 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5300S-1650 OPTOWAY-DL-5300S-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1490 OPTOWAY-DL-5300-1490 Datasheet
91Kb / 2P
   1490 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300 OPTOWAY-DL-5300_09 Datasheet
81Kb / 4P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5340 OPTOWAY-DL-5340 Datasheet
94Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3340 OPTOWAY-DL-3340 Datasheet
94Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com