Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL-5660F Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # FL-5660F
Description  8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

FL-5660F Datasheet(HTML) 3 Page - Optoway Technology Inc

  FL-5660F Datasheet HTML 1Page - Optoway Technology Inc FL-5660F Datasheet HTML 2Page - Optoway Technology Inc FL-5660F Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Optoway
FL-5660 / PT-3610 Series
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2007
V2.0
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
2002/6/1
2.0
Combine FL-5660/PT-3610 & FL-5660G/PT-3610G in one data sheet
2007/12/1


Similar Part No. - FL-5660F

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-5660F OPTOWAY-FL-5660F Datasheet
55Kb / 2P
   8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
FL-5660F OPTOWAY-FL-5660F Datasheet
68Kb / 3P
   8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
FL-5660F OPTOWAY-FL-5660F Datasheet
68Kb / 3P
   8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
More results

Similar Description - FL-5660F

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
FL-3615 OPTOWAY-FL-3615_07 Datasheet
67Kb / 3P
   8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
FL-3620 OPTOWAY-FL-3620_07 Datasheet
68Kb / 3P
   8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
FL-3640 OPTOWAY-FL-3640 Datasheet
67Kb / 3P
   8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
FL-5680 OPTOWAY-FL-5680 Datasheet
68Kb / 3P
   8?밣in Ethernet Single-Mode Optical Transmitter / Receiver
PT-3600G OPTOWAY-PT-3600G Datasheet
63Kb / 2P
   8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
FL-3615 OPTOWAY-FL-3615 Datasheet
54Kb / 2P
   8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
FL-3620 OPTOWAY-FL-3620 Datasheet
55Kb / 2P
   8-Pin Ethernet Single-Mode Optical Transmitter / Receiver
SPM-9100V-1T1RG OPTOWAY-SPM-9100V-1T1RG_15 Datasheet
140Kb / 6P
   3 Gb/s Optical Multi-Mode Transmitter/Receiver
SPM-9100V-1T1RG_2015 OPTOWAY-SPM-9100V-1T1RG_2015 Datasheet
140Kb / 6P
   3 Gb/s Optical Multi-Mode Transmitter/Receiver
SPM-9100V-1T1RG OPTOWAY-SPM-9100V-1T1RG Datasheet
148Kb / 6P
   850 nm / 3 Gb/s Optical Multi-Mode Transmitter/Receiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com