Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU931ZG-T3P-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BU931ZG-T3P-T
Description  NPN POWER DARLINGTON
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU931ZG-T3P-T Datasheet(HTML) 2 Page - Unisonic Technologies

  BU931ZG-T3P-T Datasheet HTML 1Page - Unisonic Technologies BU931ZG-T3P-T Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BU931Z
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R214-015,D
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
BVCEO
500
V
Emitter-Base Voltage
BVEBO
5
V
Collector Current (DC)
IC
10
A
Collector Peak Current
ICM
15
A
Base Current
IB
1
A
Base Peak Current
IBM
5
A
Total Dissipation (TC= 25 °C)
PD
125
W
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-65 ~ +175
°C
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector Cut-off Current
ICEO
VCE = 500 V
100
μA
Emitter Cut-off Current
IEBO
VEB = 5 V
20
mA
VCL
IC = 100mA
400
V
VCE(SAT)1 IC = 7 A, IB = 70 mA
1.6
V
Collector-Emitter Saturation Voltage
VCE(SAT)2 IC = 8 A, IB = 100 mA
1.8
V
VBE(SAT)1 IC = 7 A, IB = 70 mA
2.2
V
Base-Emitter Saturation Voltage
VBE(SAT)2 IC = 8 A, IB = 100 mA
2.4
V
DC Current Gain
hFE
VCE = 10 V, IC = 5 A
300
Diode Forward Voltage
VF
IF = 8 A
2.5
V
tS
15
μs
Inductive Load Storage Time / Fall Time
tF
VCC = 12 V, Vclamp = 300 V
L = 7 mH
IC = 7 A, IB = 70 mA
VBE = 0, RBE = 47Ω
0.5
μs
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - BU931ZG-T3P-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BU931ZG-T3P-T UTC-BU931ZG-T3P-T Datasheet
119Kb / 3P
   NPN POWER DARLINGTON
More results

Similar Description - BU931ZG-T3P-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BU931 UTC-BU931 Datasheet
109Kb / 5P
   NPN POWER DARLINGTON
logo
Microsemi Corporation
2N6300 MICROSEMI-2N6300_1 Datasheet
133Kb / 3P
   NPN DARLINGTON POWER
logo
Unisonic Technologies
BU931Z UTC-BU931Z_15 Datasheet
119Kb / 3P
   NPN POWER DARLINGTON
logo
STMicroelectronics
BU921ZP STMICROELECTRONICS-BU921ZP Datasheet
98Kb / 2P
   NPN POWER DARLINGTON
logo
Unisonic Technologies
BU931 UTC-BU931_13 Datasheet
121Kb / 5P
   NPN POWER DARLINGTON
BU931 UTC-BU931_09 Datasheet
135Kb / 5P
   NPN POWER DARLINGTON
logo
New Jersey Semi-Conduct...
2N6351 NJSEMI-2N6351 Datasheet
224Kb / 1P
   NPN POWER DARLINGTON
logo
Unisonic Technologies
BU931Z UTC-BU931Z Datasheet
79Kb / 2P
   NPN POWER DARLINGTON
BU931 UTC-BU931_15 Datasheet
121Kb / 5P
   NPN POWER DARLINGTON
logo
ON Semiconductor
BU806 ONSEMI-BU806 Datasheet
48Kb / 4P
   NPN Darlington Power Transistor
March, 2001 ??Rev. 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com