Part Name
         Description
SB160-05H

 50V, 16A Rectifier ( 3 Page)


SANYO
100% 
Zoom Out Zoom In
   
 1 page
background image
33098HA (KT)/4198TA, TS No.1982-1/3
Ordering number :EN1982A
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
5
–V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
5
5
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
8
.
0
–A
m
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
t
5
7s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
Tc
-
j
h
t
RC
D
d
e
h
t
o
o
m
S
:
e
s
a
C
-
n
o
i
t
c
n
u
J
3
.
1
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
5
–V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
n
o
NV
M
S
R
5
5
–V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
6
1A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
0
4
1A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1160
[SB160-05H]
C:Cathode
A:Anode
SANYO:TO-3PB
Note)*:Value per element
Electrical Characteristics at Ta = 25˚C
Electrical Connection
˚C
˚C
˚C/W
A:Anode
C:Cathode
IF=2A, Tj=25˚C*, –dIF/dt=10A/µs
IR=–4mA, Tj=25˚C*
IF=8A, Tj=25˚C*
VR=–25V, Tj=25˚C*
50Hz, resistive load, Tc=108˚C
Applications
· High frequency rectification (switching regulators,
converters, choppers).
Features
· Low forward voltage (VF max=0.55V).
· Fast reverse recovery time (trr max=75ns).
· Low switching noise.
· Low leakage current and high reliability due to
highly reliable planar structure.



Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SB160-05R50V 16A Rectifier 1 2 3 Sanyo Semicon Device
HER1601G16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER 1 2 3 Won-Top Electronics
SB160-0990V 16A Rectifier 1 2 3 Sanyo Semicon Device
SBG1630CT16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 Diodes Incorporated
SB01-05Q50V 100mA Rectifier 1 2 Sanyo Semicon Device
SB10W05P50V 1A Rectifier 1 2 Sanyo Semicon Device
SB250-05H50V 25A Rectifier 1 2 3 Sanyo Semicon Device
HER1601PT16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER 1 2 3 Won-Top Electronics
SB160-09R90V 16A Rectifier 1 2 3 Sanyo Semicon Device
SBL163016A SCHOTTKY BARRIER RECTIFIER 1 2 Diodes Incorporated

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl