Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD139L-TM3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BD139L-TM3-T
Description  NPN POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BD139L-TM3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  BD139L-TM3-T Datasheet HTML 1Page - Unisonic Technologies BD139L-TM3-T Datasheet HTML 2Page - Unisonic Technologies BD139L-TM3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD139
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R204-007.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (DC)
IC
1.5
A
Peak Collector Current
ICM
2
A
Peak Base Current
lBM
1
A
TO-126
1.25
W
Power Dissipation (Ta=25°C)
TO-251
PD
1
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IE=0, VCB=30V
100
nA
Collector Cut-Off Current
ICBO
IE=0, VCB=30V, TJ=125°C
10
μA
Emitter Cut-Off Current
IEBO
IC=0, VEB=5V
100
nA
IC=5mA
40
IC =150mA
63
250
DC Current Gain
VCE=2V (See Fig.1)
IC =500mA
25
BD139-10
63
160
DC Current Gain
BD139-16
hFE
IC =150mA, VCE=2V
(See Fig.1)
100
250
Collector-Emitter Saturation Voltage
VCE(SAT) IC =500 mA, IB=50mA
0.5
V
Base-Emitter Voltage
VBE
IC =500 mA, VCE=2V
1
V
Transition Frequency
fT
IC =500 mA, VCE=5V, f=100MHz
190
MHz


Similar Part No. - BD139L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD139 MOTOROLA-BD139 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
Inchange Semiconductor ...
BD139 ISC-BD139 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
logo
Jiangsu Changjiang Elec...
BD139 JIANGSU-BD139 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BD139 PHILIPS-BD139 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Tiger Electronic Co.,Lt...
BD139 TGS-BD139 Datasheet
59Kb / 1P
   Complementary Silicon Power Ttransistors
More results

Similar Description - BD139L-TM3-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
   NPN power transistors
1998 May 29
logo
Unisonic Technologies
BD139 UTC-BD139 Datasheet
84Kb / 2P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508F TEL-BU508F Datasheet
59Kb / 2P
   NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
D42C ETC1-D42C Datasheet
312Kb / 4P
   NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
   NPN power transistors
logo
New Jersey Semi-Conduct...
2N5329 NJSEMI-2N5329 Datasheet
179Kb / 1P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP33F TEL-TIP33F Datasheet
126Kb / 3P
   NPN POWER TRANSISTORS
logo
NXP Semiconductors
BD135 PHILIPS-BD135 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Continental Device Indi...
BU207 CDIL-BU207 Datasheet
249Kb / 4P
   NPN POWER TRANSISTORS
BUF508F CDIL-BUF508F Datasheet
40Kb / 3P
   NPN POWER TRANSISTORS
logo
Suntac Electronic Corp.
STC13003-TO126 SUNTAC-STC13003-TO126 Datasheet
113Kb / 3P
   NPN POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com