Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88307BLMGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88307BLMGTR
Description  3.3V, 3.2Gbps PECL Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88307BLMGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88307BLMGTR Datasheet HTML 1Page - Micrel Semiconductor SY88307BLMGTR Datasheet HTML 2Page - Micrel Semiconductor SY88307BLMGTR Datasheet HTML 3Page - Micrel Semiconductor SY88307BLMGTR Datasheet HTML 4Page - Micrel Semiconductor SY88307BLMGTR Datasheet HTML 5Page - Micrel Semiconductor SY88307BLMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88307BLMGTR Datasheet HTML 7Page - Micrel Semiconductor SY88307BLMGTR Datasheet HTML 8Page - Micrel Semiconductor SY88307BLMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
SY88307BL
November 2007
3
M9999-111507-C
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
(MSOP)
Pin Number
(QFN)
Pin Name
Type
Pin Function
1
15
/EN
TTL Input: Default
is low.
Enable bar: De-asserts true data output when High.
2
1
DIN
Data Input
True data input with 50
Ω termination to VREF.
3
4
/DIN
Data Input
Complementary data input with 50
Ω termination to VREF.
4
6
VREF
Reference Voltage: Placing a capacitor here to VCC
helps stabilize.
5
14
LOSLVL
Input
Loss-of-Signal Level Set: A resistor from this pin to VCC
sets the threshold for the data input amplitude at which
the LOS output will be asserted.
6
Exposed Pad
2, 3, 10, 11
Exposed Pad
GND
Ground
Device ground. Exposed pad must be connected to
PCB ground plane.
7
7
LOS
Open Collector
TTL Output
Loss-of-Signal: Asserts high when the data input
amplitude falls below the threshold sets by LOSLVL.
For proper operation, install an external 4.75k
Ω pull-up
resistor at this output.
8
9
/DOUT
PECL Output
Complementary data output.
9
12
DOUT
PECL Output
True data output.
10
5, 8, 13, 16
VCC
Power supply
Positive power supply.


Similar Part No. - SY88307BLMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
logo
Microchip Technology
SY88303BL MICROCHIP-SY88303BL Datasheet
947Kb / 19P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
09/14/21
logo
Micrel Semiconductor
SY88303BLEY MICREL-SY88303BLEY Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88303BLEYTR MICREL-SY88303BLEYTR Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88303BLMG MICREL-SY88303BLMG Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
More results

Similar Description - SY88307BLMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88309BL MICREL-SY88309BL Datasheet
340Kb / 11P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with Wide Signal-Detect Range
SY88347DL MICREL-SY88347DL Datasheet
285Kb / 9P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
logo
Microchip Technology
SY88303BL MICROCHIP-SY88303BL Datasheet
947Kb / 19P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
09/14/21
logo
Micrel Semiconductor
SY88305BL MICREL-SY88305BL Datasheet
391Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Signal-Detect Range
SY88289CL MICREL-SY88289CL Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com