Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87725L Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY87725L
Description  2.5Gbps GPON/BPON ONU SERDES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87725L Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY87725L_11 Datasheet HTML 3Page - Micrel Semiconductor SY87725L_11 Datasheet HTML 4Page - Micrel Semiconductor SY87725L_11 Datasheet HTML 5Page - Micrel Semiconductor SY87725L_11 Datasheet HTML 6Page - Micrel Semiconductor SY87725L_11 Datasheet HTML 7Page - Micrel Semiconductor SY87725L_11 Datasheet HTML 8Page - Micrel Semiconductor SY87725L_11 Datasheet HTML 9Page - Micrel Semiconductor SY87725L_11 Datasheet HTML 10Page - Micrel Semiconductor SY87725L_11 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Micrel, Inc.
SY87725L
July 2007
7
M9999-071007-B
hbwhelp@micrel.com or (408) 955-1690
Frequency Selections
XMT_FSEL0
XMT_FSEL1
TX DATA RATE
0
0
155.52Mbps
1
0
622.08Mbps
0
1
1244.16Mbps
1
1
N/A
Table 1. Transmit Frequency Selection
RCV_FSEL0
RCV_FSEL1
RX DATA RATE
0
0
N/A
1
0
622.08Mbps
0
1
1244.16Mbps
1
1
2488.32Mbps
Table 2. Receive Frequency Selection
XMT_FSEL0
XMT_FSEL1
XMT_DDRSEL
CLKOUT2
0
0
0
38.88MHz
1
0
0
155.52MHz
0
1
0
311.04MHz
1
1
0
N/A
0
0
1
19.44MHz
1
0
1
77.76MHz
0
1
1
155.52MHz
1
1
1
N/A
Table 3. CLKOUT2 Frequency Selection


Similar Part No. - SY87725L_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87725LHY MICREL-SY87725LHY Datasheet
406Kb / 20P
   2.5Gbps GPON/BPON ONU SERDES
SY87725LHYTR MICREL-SY87725LHYTR Datasheet
406Kb / 20P
   2.5Gbps GPON/BPON ONU SERDES
More results

Similar Description - SY87725L_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87725L MICREL-SY87725L Datasheet
406Kb / 20P
   2.5Gbps GPON/BPON ONU SERDES
logo
Finisar Corporation.
FTGN2117P2XXN FINISAR-FTGN2117P2XXN Datasheet
225Kb / 8P
   GPON Stick (GPON SFP ONU)
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
   GPON ONU Class B Pigtailed RoHS Compliant Transceiver
logo
Maxim Integrated Produc...
MAX3886 MAXIM-MAX3886 Datasheet
302Kb / 17P
   Multirate CDR with Integrated Serializer/Deserializer for GPON and BPON ONT Applications
Rev 0; 12/07
logo
Finisar Corporation.
FTGN2117P2CUN FINISAR-FTGN2117P2CUN Datasheet
438Kb / 1P
   Pluggable SFP ONU
logo
Source Photonics, Inc.
FTM-9823T-CGH SOURCE-FTM-9823T-CGH Datasheet
329Kb / 18P
   GPON ONT Triplexer
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
logo
Finisar Corporation.
FTEN211XP1NUN FINISAR-FTEN211XP1NUN Datasheet
594Kb / 2P
   Pluggable SFP ONU
logo
Leopard Imaging Inc.
LI-OV2311-GMSL2-050H LEOPARD-LI-OV2311-GMSL2-050H Datasheet
711Kb / 7P
   SerDes Camera
LI-X1B4-TI933 LEOPARD-LI-X1B4-TI933 Datasheet
660Kb / 6P
   SerDes Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com