Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTRS-5920-SPG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # BTRS-5920-SPG
Description  1490 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTRS-5920-SPG Datasheet(HTML) 1 Page - Optoway Technology Inc

  BTRS-5920-SPG Datasheet HTML 1Page - Optoway Technology Inc BTRS-5920-SPG Datasheet HTML 2Page - Optoway Technology Inc BTRS-5920-SPG Datasheet HTML 3Page - Optoway Technology Inc BTRS-5920-SPG Datasheet HTML 4Page - Optoway Technology Inc BTRS-5920-SPG Datasheet HTML 5Page - Optoway Technology Inc BTRS-5920-SPG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
BTRS-5920G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2009 V4.0
1
BTRS-5920G / BTRS-5920-SPG / BTRS-5920AG / BTRS-5920A-SPG
1490 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
*********************************************************************************************************************************************************************
FEATURES
l Single Fiber Bi-Directional SFF Transceiver
l 1490 nm DFB LD Transmitter
l 1310 nm Receiver
l Distance Up to 20 km
l Single +3.3 V Power Supply
l RoHS Compliant
l LVPECL Differential Inputs and Outputs
l 0 to 70oC Operating : BTRS-5920G
l -20 to 85oC Operating : BTRS-5920AG
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l WDM 622/155 Mb/s Links
l SONET/SDH Equipment Interconnect
l Fiber Channel 532 Mb/s Links
DESCRIPTION
The BTRS-5920G series is high performance module for
single fiber communications by using 1490 nm transmitter
and 1310 nm receiver. The transmitter section uses a
multiple quantum well 1490 nm DFB laser and is a class 1
laser compliant according to International Safety Standard
IEC-825. The receiver section uses an integrated 1310 nm
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC. A PECL logic interface
simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Voltage
(V)
Package
Temp
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
BTRS-5920G
622
20
1490 DFB
1310
3.3
2X5 SC
0 to 70
-8 to -14
-28
Yes
BTRS-5920AG
622
20
1490 DFB
1310
3.3
2X5 SC
-20 to 85
-8 to -14
-28
Yes
Note: 1. BTRS-XXXXXG: 2X5 SC receptacle type package. BTRL-XXXXX: 2X5 LC receptacle type package.
2. BTRX-XXXXX-APBBBG is 2X5 pigtail type package with different connector, A=S is SC connector, A=F is FC
connector, A=T is ST connector, A=L is LC connector, A=M is MU connector; BBB is the length of fiber in cm.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
-20
70
85
oC
BTRS-5920G
BTRS-5920AG
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
4.5
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Temperature
Topr
0
-20
70
85
oC / BTRS-5920G
oC / BTRS-5920AG
Data Rate
50
622
650
Mb/s
Power Supply Current
Icc
260
mA


Similar Part No. - BTRS-5920-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-5920-SPG OPTOWAY-BTRS-5920-SPG Datasheet
106Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTRS-5920-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-5920G OPTOWAY-BTR-5920G Datasheet
111Kb / 4P
   1490 nm TX/ 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5920G OPTOWAY-BTRS-5920G Datasheet
106Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5820G OPTOWAY-BTR-5820G Datasheet
112Kb / 4P
   1310 nm TX / 1490 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-5940G OPTOWAY-BTR-5940G Datasheet
110Kb / 4P
   1490 nm TX/ 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5940G OPTOWAY-BTRS-5940G Datasheet
106Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-5940G OPTOWAY-BTRS-5940G_09 Datasheet
140Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7940CG OPTOWAY-BTRS-7940CG Datasheet
118Kb / 5P
   1490 nm TX/ 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7820CG OPTOWAY-BTRS-7820CG_09 Datasheet
120Kb / 5P
   1310 nm TX/ 1490 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7840CG OPTOWAY-BTRS-7840CG_09 Datasheet
120Kb / 5P
   1310 nm TX/ 1490 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7940CG OPTOWAY-BTRS-7940CG_09 Datasheet
119Kb / 5P
   1490 nm TX/ 1310 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com