Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB10-18K Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SB10-18K
Description  180V, 1A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB10-18K Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SB10-18K Datasheet HTML 1Page - Sanyo Semicon Device SB10-18K Datasheet HTML 2Page - Sanyo Semicon Device SB10-18K Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB10-18K
No.2835-2/3


Similar Part No. - SB10-18K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-18 SANYO-SB10-18 Datasheet
118Kb / 3P
   80V, 1A Rectifier
More results

Similar Description - SB10-18K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB05-18M SANYO-SB05-18M Datasheet
65Kb / 2P
   180V, 500mA Rectifier
SB05-18V SANYO-SB05-18V Datasheet
65Kb / 2P
   180V, 500mA Rectifier?
SB30-18 SANYO-SB30-18 Datasheet
83Kb / 3P
   180V, 3A Rectifier
SB80-18 SANYO-SB80-18 Datasheet
83Kb / 3P
   180V, 8A Rectifier
SBA120-18J SANYO-SBA120-18J Datasheet
82Kb / 3P
   180V, 12A Rectifier
SB120-18 SANYO-SB120-18 Datasheet
80Kb / 3P
   180V, 12A Rectifier
SB160-18 SANYO-SB160-18 Datasheet
80Kb / 3P
   180V, 16A Rectifier
SB50-18K SANYO-SB50-18K Datasheet
73Kb / 3P
   180V, 5A Rectifier
SB100-18 SANYO-SB100-18 Datasheet
80Kb / 3P
   180V, 10A Rectifier
SB50-18 SANYO-SB50-18 Datasheet
74Kb / 3P
   180V, 5A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com