Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78MXX-T92-B Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 78MXX-T92-B
Description  3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78MXX-T92-B Datasheet(HTML) 5 Page - Unisonic Technologies

  78MXX-T92-B Datasheet HTML 1Page - Unisonic Technologies 78MXX-T92-B Datasheet HTML 2Page - Unisonic Technologies 78MXX-T92-B Datasheet HTML 3Page - Unisonic Technologies 78MXX-T92-B Datasheet HTML 4Page - Unisonic Technologies 78MXX-T92-B Datasheet HTML 5Page - Unisonic Technologies 78MXX-T92-B Datasheet HTML 6Page - Unisonic Technologies 78MXX-T92-B Datasheet HTML 7Page - Unisonic Technologies 78MXX-T92-B Datasheet HTML 8Page - Unisonic Technologies 78MXX-T92-B Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
78MXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R101-004,H
ELECTRICAL CHARACTERISTICS (Cont.)
FOR UTC78M08
(Refer to the test circuits, TMIN≤TJ≤125°C, IOUT=350mA, VIN=14V, unless otherwise specified,Ci=0.33μF,Co=0.1μF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TJ =25°C
7.68
8.0
8.32
V
Output Voltage
VOUT
VIN =10.5V ~ 23V,
IOUT=5mA~350mA
7.60
8.40
V
TJ =25°C, IOUT=5mA~0.5A
160
mV
Load Regulation
ΔVOUT
TJ =25°C, IOUT=5mA~200mA
80
mV
VIN =10.5V ~ 25V
TJ =25°C, IOUT=200mA
100
mV
Line regulation
ΔVOUT
VIN =11V ~ 25V
TJ =25°C, IOUT=200mA
50
mV
Quiescent Current
IQ
TJ =25°C
4.0
6
mA
VIN =10.5V ~ 25V, IOUT=200mA
0.8
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~ 350mA
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100KHz
52
μV
Ripple Rejection
RR
VIN =11.5V ~ 21.5V,
f=120Hz, IOUT=300mA
56
dB
Peak Output Current
IPEAK
TJ =25°C
700
mA
Short-Circuit Current
ISC
VIN=35V, TJ =25°C
300
mA
Dropout Voltage
VD
TJ =25°C, IOUT=500mA
2.0
V
FOR UTC78M09
(Refer to the test circuits, TMIN≤TJ≤125°C, IOUT=350mA, VIN=17V, unless otherwise specified,Ci=0.33μF,Co=0.1μF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TJ =25°C
8.64
9
9.36
V
Output Voltage
VOUT
VIN =12.5V ~ 25V,
IOUT=5mA~350mA
8.55
9.45
V
TJ =25°C, IOUT=5mA~0.5A
200
mV
Load Regulation
ΔVOUT
TJ =25°C, IOUT=5mA~200mA
100
mV
VIN =12.5V~ 25 V
TJ =25°C, IOUT=200mA
100
mV
Line regulation
ΔVOUT
VIN=13V~ 25V
TJ =25°C, IOUT=200mA
50
mV
Quiescent Current
IQ
TJ =25°C
4.1
6
mA
VIN =12.5V ~ 25V, IOUT=200mA
0.8
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~350mA
0.5
mA
Output Noise Voltage
eN
10Hz<=f<=100kHz
65
μV
Ripple Rejection
RR
VIN =13V~ 23V, f=120Hz
IOUT=300mA
55
dB
Peak Output Current
IPEAK
TJ =25°C
700
mA
Short-Circuit Current
ISC
VIN=35V, TJ =25°C
300
mA
Dropout Voltage
VD
TJ =25°C, IOUT=500mA
2.0
V


Similar Part No. - 78MXX-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXX-T92-B UTC-78MXX-T92-B Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX-T92-B-B UTC-78MXX-T92-B-B Datasheet
221Kb / 6P
   LINEAR INTEGRATED CIRCUIT
78MXX-T92-B-K UTC-78MXX-T92-B-K Datasheet
221Kb / 6P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - 78MXX-T92-B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com