Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30N06-TF3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 30N06-TF3-T
Description  30 Amps, 60 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

30N06-TF3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  30N06-TF3-T Datasheet HTML 1Page - Unisonic Technologies 30N06-TF3-T Datasheet HTML 2Page - Unisonic Technologies 30N06-TF3-T Datasheet HTML 3Page - Unisonic Technologies 30N06-TF3-T Datasheet HTML 4Page - Unisonic Technologies 30N06-TF3-T Datasheet HTML 5Page - Unisonic Technologies 30N06-TF3-T Datasheet HTML 6Page - Unisonic Technologies 30N06-TF3-T Datasheet HTML 7Page - Unisonic Technologies 30N06-TF3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
30N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-087.B
TEST CIRCUITS AND WAVEFORMS (Cont.)
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms


Similar Part No. - 30N06-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
30N06-TF3-T UTC-30N06-TF3-T Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 30N06-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
30N06 UTC-30N06 Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
60N06 UTC-60N06 Datasheet
201Kb / 8P
   60 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTB30N06LT4G ONSEMI-NTB30N06LT4G Datasheet
72Kb / 7P
   Power MOSFET 30 Amps, 60 Volts
August, 2005 ??Rev. 1
MTB30P06V ONSEMI-MTB30P06V_V01 Datasheet
241Kb / 9P
   Power MOSFET 30 Amps, 60 Volts P-Channel D2PAK
October, 2011 - Rev. 5
logo
Unisonic Technologies
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
   0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
   300m Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
70N06 UTC-70N06 Datasheet
158Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com