Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

18N60G-T47-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 18N60G-T47-T
Description  600V N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

18N60G-T47-T Datasheet(HTML) 2 Page - Unisonic Technologies

  18N60G-T47-T Datasheet HTML 1Page - Unisonic Technologies 18N60G-T47-T Datasheet HTML 2Page - Unisonic Technologies 18N60G-T47-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
18N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-221.D
ABSOLUTE MAXIMUM RATINGS (TC =25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
ID
18
A
Pulsed Drain Current
IDM
45
A
Avalanche Current
IAR
18
A
Single Pulsed
EAS
1000
Avalanche Energy
Repetitive
EAR
30
mJ
Peak Diode Recovery dv/dt
dv/dt
10
V/ns
Power Dissipation
PD
360
W
Junction Temperature
TJ
150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
0.35
°С/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
600
V
Drain-Source Leakage Current
IDSS
VDS=VDSS, VGS=0V
25
µA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±30V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=9A (Note)
400
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
2500
pF
Output Capacitance
COSS
280
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1MHz
23
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
21
ns
Turn-ON Rise Time
tR
22
ns
Turn-OFF Delay Time
tD(OFF)
62
ns
Turn-OFF Fall-Time
tF
VGS=10V, VDS=0.5VDSS,
ID=18A, RG=5Ω (External)
22
ns
Total Gate Charge
QG
50
nC
Gate Source Charge
QGS
15
nC
Gate Drain Charge
QGD
VGS=10V, VDS=0.5VDSS,
ID=9A
18
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IF=IS ,VGS=0V (Note )
1.5
V
Maximum Continuous Drain-Source
Diode Forward Current
IS
VGS=0V
18
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
Repetitive
54
A
Reverse Recovery Time
tRR
200
ns
Reverse Recovery Charge
QRR
VGS=0V, dIF/dt=100A/µs,
IS=18A, VR=100V
0.8
µC
Note: Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2%.


Similar Part No. - 18N60G-T47-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
18N60G-T47-T UTC-18N60G-T47-T Datasheet
143Kb / 3P
   POLARHV HIPERFET POWER MOSFET
18N60G-T47-T UTC-18N60G-T47-T Datasheet
147Kb / 3P
   18A,600V N-CHANNEL POWER MOSFET
18N60G-T47-T UTC-18N60G-T47-T Datasheet
186Kb / 4P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 18N60G-T47-T

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
   600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60B JIANGSU-CJD04N60B Datasheet
756Kb / 4P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com