Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

13N50L-TF3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 13N50L-TF3-T
Description  500V N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13N50L-TF3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  13N50L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 13N50L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 13N50L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 13N50L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 13N50L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 13N50L-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
13N50
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-362.c
500V N-CHANNEL MOSFET
DESCRIPTION
The UTC 13N50 is an N-Channel enhancement mode power MOSFET.
The device adopts planar stripe and uses DMOS technology to minimize
and provide lower on-state resistance and faster switching speed. It can
also withstand high energy pulse under the avalanche and commutation
mode conditions.
The UTC 13N50 is ideally suitable for high efficiency switch mode
power supply, power factor correction, electronic lamp ballast based on half
bridge topology.
FEATURES
* RDS(ON) =0.48Ω @VGS = 10 V
* Ultra low gate charge (typical 43 nC )
* Low reverse transfer Capacitance ( CRSS = typical 20pF )
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness
SYMBOL
TO-220
1
1
TO-220F
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
13N50L-TA3-T
13N50G-TA3-T
TO-220
G
D
S
Tube
13N50L-TF3-T
13N50G-TF3-T
TO-220F
G
D
S
Tube
13N50L- TF1-T
13N50G-TF1-T
TO-220F1
G
D
S
Tube


Similar Part No. - 13N50L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13N50L-TF3-T UTC-13N50L-TF3-T Datasheet
221Kb / 6P
   13A, 500V N-CHANNEL POWER MOSFET
More results

Similar Description - 13N50L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com