Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB10-09 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SB10-09
Description  50V, 1A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB10-09 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SB10-09 Datasheet HTML 1Page - Sanyo Semicon Device SB10-09 Datasheet HTML 2Page - Sanyo Semicon Device SB10-09 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB10-09F
PS No.2829-3/3
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of April, 1998. Specifications and information herein are subject to
change without notice.


Similar Part No. - SB10-09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-09 SANYO-SB10-09 Datasheet
71Kb / 2P
   90V, 1A Rectifier
SB10-09P SANYO-SB10-09P Datasheet
71Kb / 2P
   90V, 1A Rectifier
SB10-09T SANYO-SB10-09T Datasheet
81Kb / 3P
   90V, 1A Rectifier
More results

Similar Description - SB10-09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-05 SANYO-SB10-05 Datasheet
57Kb / 2P
   50V, 1A Rectifier
SB10-05P SANYO-SB10-05P_07 Datasheet
65Kb / 3P
   50V, 1A Rectifier
SBE002 SANYO-SBE002 Datasheet
35Kb / 3P
   50V, 1A Rectifier
SB10W05T SANYO-SB10W05T Datasheet
85Kb / 3P
   50V, 1A Rectifier
SB10W05Z SANYO-SB10W05Z Datasheet
88Kb / 2P
   50V, 1A Rectifier
SB10W05P SANYO-SB10W05P Datasheet
72Kb / 2P
   50V, 1A Rectifier
SB10-05PCP SANYO-SB10-05PCP Datasheet
65Kb / 2P
   50V, 1A Rectifier
SB10W05V SANYO-SB10W05V Datasheet
72Kb / 2P
   50V, 1A Rectifier
logo
Silicon Supplies
1N4001 SS-1N4001 Datasheet
191Kb / 2P
   50V 1A Standard Rectifier
Rev 1.0 25/08/23
logo
Taiwan Semiconductor Co...
1N4001G-K TSC-1N4001G-K Datasheet
391Kb / 5P
   1A, 50V - 1000V Standard Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com