Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12N70 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 12N70
Description  12 Amps, 700 Volts N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N70 Datasheet(HTML) 6 Page - Unisonic Technologies

  12N70_09 Datasheet HTML 1Page - Unisonic Technologies 12N70_09 Datasheet HTML 2Page - Unisonic Technologies 12N70_09 Datasheet HTML 3Page - Unisonic Technologies 12N70_09 Datasheet HTML 4Page - Unisonic Technologies 12N70_09 Datasheet HTML 5Page - Unisonic Technologies 12N70_09 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
12N70
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-220.C
TYPICAL CHARACTERISTICS
0
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage, VSD (V)
0
0.2
0
Drain-Source On-State Resistance
Characteristics
Drain to Source Voltage, VDS (V)
0
1
2
3
4
5
0.4
0.6
0.8
1.0
1.2
2
4
6
8
10
12
6
12
3
4
5
6
14
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 12N70_09

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N70-TA3-T UTC-12N70-TA3-T Datasheet
332Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
12N70-TF3-T UTC-12N70-TF3-T Datasheet
332Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
12N70G-TA3-T UTC-12N70G-TA3-T Datasheet
233Kb / 7P
   N-CHANNEL POWER MOSFET
12N70G-TF1-T UTC-12N70G-TF1-T Datasheet
233Kb / 7P
   N-CHANNEL POWER MOSFET
12N70G-TF2-T UTC-12N70G-TF2-T Datasheet
233Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 12N70_09

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N70 UTC-12N70 Datasheet
332Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK10N70PD FS-FTK10N70PD Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
FTK7N70P FS-FTK7N70P Datasheet
394Kb / 7P
   7 Amps, 700 Volts N-CHANNEL MOSFET
FTK7N70PD FS-FTK7N70PD Datasheet
394Kb / 7P
   7 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N70 UTC-1N70 Datasheet
217Kb / 8P
   1.2 Amps, 700 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK6N70P FS-FTK6N70P Datasheet
644Kb / 7P
   6.0 Amps, 700 Volts N-CHANNEL MOSFET
FTK10N70P FS-FTK10N70P Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
7N70 UTC-7N70 Datasheet
150Kb / 8P
   7 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70 UTC-2N70 Datasheet
258Kb / 6P
   2 Amps, 700 Volts N-CHANNEL POWER MOSFET
3N70 UTC-3N70 Datasheet
273Kb / 7P
   3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com