Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10N75G-TF3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 10N75G-TF3-T
Description  10 Amps, 750 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N75G-TF3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  10N75G-TF3-T Datasheet HTML 1Page - Unisonic Technologies 10N75G-TF3-T Datasheet HTML 2Page - Unisonic Technologies 10N75G-TF3-T Datasheet HTML 3Page - Unisonic Technologies 10N75G-TF3-T Datasheet HTML 4Page - Unisonic Technologies 10N75G-TF3-T Datasheet HTML 5Page - Unisonic Technologies 10N75G-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
10N75
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-501.a
10 Amps, 750 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 10N75 is a N-channel mode Power FET using UTC’s
advanced technology to provide costomers with planar stripe and
DMOS technology. This technology specialized in allowing a minimum
on-state resistance and superior switching performance. It also can
withstand high energy pulse in the avalanche and commutation mode.
The UTC 10N75 is universally applied in high efficiency switch
mode power supply, active power faction correction, electronic lamp
based on half bridge topology.
FEATURES
* 10A, 750V, RDS(on)=1.1Ω @VGS=10V
* High switching speed
* Improved dv/dt capability
* 100% avalanche tested
SYMBOL
1.Gate
3.Source
2.Drain
1
1
TO-220
TO-220F
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
10N75L-TA3-T
10N75G-TA3-T
TO-220
G
D
S
Tube
10N75L-TF3-T
10N75G-TF3-T
TO-220F
G
D
S
Tube
10N75L-TF1-T
10N75G-TF1-T
TO-220F1
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 10N75G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N75G-TF3-T UTC-10N75G-TF3-T Datasheet
175Kb / 6P
   10A, 750V N-CHANNEL POWER MOSFET
More results

Similar Description - 10N75G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N50 UTC-10N50 Datasheet
172Kb / 6P
   10 Amps, 500 Volts N-CHANNEL POWER MOSFET
10N90 UTC-10N90 Datasheet
194Kb / 6P
   10 Amps, 900 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK10N65P FS-FTK10N65P Datasheet
289Kb / 7P
   10 Amps, 650 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
   10 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N65PD FS-FTK10N65PD Datasheet
289Kb / 7P
   10 Amps, 650 Volts N-CHANNEL MOSFET
FTK10N70PD FS-FTK10N70PD Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
FTK10N60P FS-FTK10N60P Datasheet
373Kb / 7P
   10 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N70P FS-FTK10N70P Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
10N60 UTC-10N60 Datasheet
232Kb / 9P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60_10 Datasheet
330Kb / 8P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com