Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9N90L-TF1-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 9N90L-TF1-T
Description  900V N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N90L-TF1-T Datasheet(HTML) 1 Page - Unisonic Technologies

  9N90L-TF1-T Datasheet HTML 1Page - Unisonic Technologies 9N90L-TF1-T Datasheet HTML 2Page - Unisonic Technologies 9N90L-TF1-T Datasheet HTML 3Page - Unisonic Technologies 9N90L-TF1-T Datasheet HTML 4Page - Unisonic Technologies 9N90L-TF1-T Datasheet HTML 5Page - Unisonic Technologies 9N90L-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
9N90
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., LTD
QW-R502-217.E
900V N-CHANNEL MOSFET
DESCRIPTION
The UTC 9N90 uses UTC’s advanced proprietary, planar
stripe, DMOS technology to provide excellent RDS(ON), low gate
charge and operation with low gate voltages. This device is suitable
for use as a load switch or in PWM applications.
FEATURES
* RDS(ON) = 1.4Ω @VGS = 10 V
* Ultra Low Gate Charge ( Typical 45 nC )
* Low Reverse Transfer Capacitance ( CRSS = Typical 14 pF )
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
TO-3P
1
1
TO-247
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
9N90L-T47-T
9N90G-T47-T
TO-247
G
D
S
Tube
9N90L-T3P-T
9N90G-T3P-T
TO-3P
G
D
S
Tube
9N90L-TF1-T
9N90G-TF1-T
TO-220F1
G
D
S
Tube


Similar Part No. - 9N90L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N90L-TF1-T UTC-9N90L-TF1-T Datasheet
255Kb / 6P
   9A, 900V N-CHANNEL POWER MOSFET
9N90L-TF1-T UTC-9N90L-TF1-T Datasheet
253Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 9N90L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com