Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7N60AG-X-TF3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 7N60AG-X-TF3-T
Description  7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60AG-X-TF3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  7N60AG-X-TF3-T Datasheet HTML 1Page - Unisonic Technologies 7N60AG-X-TF3-T Datasheet HTML 2Page - Unisonic Technologies 7N60AG-X-TF3-T Datasheet HTML 3Page - Unisonic Technologies 7N60AG-X-TF3-T Datasheet HTML 4Page - Unisonic Technologies 7N60AG-X-TF3-T Datasheet HTML 5Page - Unisonic Technologies 7N60AG-X-TF3-T Datasheet HTML 6Page - Unisonic Technologies 7N60AG-X-TF3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
7N60A
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
VQW-R502-111,D
TEST CIRCUITS AND WAVEFORMS (Cont.)
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
50kΩ
0.3µF
DUT
VDS
Same Type
as D.U.T.
10V
0.2µF
12V
Charge
QGS
QGD
QG
VGS
3mA
VGS
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms


Similar Part No. - 7N60AG-X-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60AG-TA3-T UTC-7N60AG-TA3-T Datasheet
250Kb / 7P
   7A, 600V N-CHANNEL POWER MOSFET
7N60AG-TF1-T UTC-7N60AG-TF1-T Datasheet
250Kb / 7P
   7A, 600V N-CHANNEL POWER MOSFET
7N60AG-TF3-T UTC-7N60AG-TF3-T Datasheet
250Kb / 7P
   7A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 7N60AG-X-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60A UTC-7N60A Datasheet
297Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL MOSFET
3N60 UTC-3N60_09 Datasheet
363Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
   4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60_09 Datasheet
217Kb / 8P
   7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
162Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60 Datasheet
232Kb / 9P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60 UTC-7N60_10 Datasheet
189Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60_10 Datasheet
330Kb / 8P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com