Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1008-180M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RS1008-180M-RC
Description  Radial Shielded Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RS1008-180M-RC Datasheet(HTML) 1 Page - Allied Components International

  RS1008-180M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Magnetically Shielded
• Integrated Standoff for insulated and
stable mounting
Electrical
Inductance Range: 10µh ~ 1000µh
Tolerance: 20% @ 10µh ~ 47µH
RS1008-100M-RC
Allied
Part
Number
Inductance
Test
Rated
(A) Max
DCR
20
Radial Shielded Inductor
RS1008
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Test Frequency: 2.52MHz / 1V @ 10µH-82µH
Operating Temp: -40ºC ~ +85ºC
Storage Temp: -40ºC ~ +125ºC
Rated Current: The current at which the inductance will
drop 10% from its intial value
Test Equipment
(L): HP4284A / HP4285A
DCR: CH502BC
Physical
Packaging: 200 / Inner Box
Marking: EIA Inductance Code
REVISED 10/01/10
(µH)
MAX
Frequency
@ 0.1v
Current: VR126G/7220
10
Tolerance
%
2.52 MHz 0.05
2.80
10% @ 56µh ~ 1000µH
1KHz / 1V @ 100µH ~ 1000µH
Current
RS1008-120M-RC
20
12
2.52 MHz 0.06
2.50
RS1008-150M-RC
20
15
2.52 MHz 0.07
2.30
RS1008-180M-RC
20
18
2.52 MHz 0.08
2.10
RS1008-220M-RC
20
22
2.52 MHz 0.09
2.00
RS1008-270M-RC
20
27
2.52 MHz 0.10
1.76
RS1008-330M-RC
20
33
2.52 MHz 0.11
1.60
RS1008-390M-RC
20
39
2.52 MHz 0.12
1.38
RS1008-470M-RC
20
47
2.52 MHz 0.14
1.28
RS1008-560K-RC
10
56
2.52 MHz 0.15
1.20
RS1008-680K-RC
10
68
2.52 MHz 0.16
1.00
RS1008-820K-RC
10
82
2.52 MHz 0.18
0.96
RS1008-101K-RC
10
100
1 KHz
0.20
0.92
RS1008-121K-RC
10
120
1 KHz
0.24
0.80
RS1008-151K-RC
10
150
1 KHz
0.35
0.73
RS1008-181K-RC
10
180
1 KHz
0.40
0.64
RS1008-221K-RC
10
220
1 KHz
0.54
0.61
RS1008-271K-RC
10
271
1 KHz
0.76
0.56
RS1008-331K-RC
10
330
1 KHz
0.86
0.50
RS1008-391K-RC
10
390
1 KHz
0.93
0.44
RS1008-471K-RC
10
470
1 KHz
1.23
0.41
(10.0±0.5)
(8.0±0.5)
(15.0±0.3)
All specifications subject to change without notice.
• Cross to Renco RL-8054-2
RS1008-561K-RC
10
560
1 KHz
1.34
0.38
RS1008-681K-RC
10
680
1 KHz
1.53
0.34
RS1008-821K-RC
10
820
1 KHz
2.10
0.32
RS1008-102K-RC
10
1000
1 KHz
2.30
0.28
(6.4±0.3)
Dimensions:
Inches
(mm)
.394±0.0197
.315±0.0197
.591±0.012
.252±0.012


Similar Part No. - RS1008-180M-RC

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
RS1008 CHENG-YI-RS1008 Datasheet
145Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
RS1008 ZSELEC-RS1008 Datasheet
73Kb / 2P
   10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
RS1008FL PANJIT-RS1008FL Datasheet
110Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
RS1008FL PANJIT-RS1008FL Datasheet
184Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
logo
YENYO TECHNOLOGY Co., L...
RS1008FL YENYO-RS1008FL Datasheet
205Kb / 2P
   1.0A Fast Recovery Rectifier
More results

Similar Description - RS1008-180M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RS0807-220L-RC ALLIED-RS0807-220L-RC Datasheet
1Mb / 1P
   Radial Shielded Inductor
RS1010-100M-RC ALLIED-RS1010-100M-RC Datasheet
331Kb / 1P
   Radial Shielded Inductor
logo
MPS Industries, Inc.
P11RS2875 MPSIND-P11RS2875 Datasheet
154Kb / 1P
   SHIELDED RADIAL INDUCTOR
logo
XFMRS Inc.
XFRL1114SH-3R3M XFMRS-XFRL1114SH-3R3M Datasheet
34Kb / 1P
   Shielded Radial Leaded Inductor
RLXF1619SH-140M XFMRS-RLXF1619SH-140M Datasheet
34Kb / 1P
   SHIELDED RADIAL LEADED INDUCTOR
logo
Allied Components Inter...
RS4P1008-100M-RC ALLIED-RS4P1008-100M-RC Datasheet
1Mb / 1P
   Radial Shielded 4 Pin Inductor
RS4P1010-100M-RC ALLIED-RS4P1010-100M-RC Datasheet
1Mb / 1P
   Radial Shielded 4 Pin Inductor
logo
Wurth Elektronik GmbH &...
7447471330 WURTH-7447471330 Datasheet
899Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731222 WURTH-744731222 Datasheet
904Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471022 WURTH-7447471022 Datasheet
884Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com