Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB5480-4-152K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RB5480-4-152K-RC
Description  Radial Power Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RB5480-4-152K-RC Datasheet(HTML) 1 Page - Allied Components International

  RB5480-4-152K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14.20
13.00
11.00
10.00
9.50
8.80
7.90
7.40
7.10
6.10
5.50
5.20
4.10
4.50
3.80
3.50
3.10
2.80
2.60
2.40
2.10
1.90
1.75
1.62
1.40
1.30
1.20
1.10
0.960
0.880
0.800
0.720
0.660
0.600
0.540
0.480
0.420
0.400
0.370
RB5480-4-3R9K-RC
RB5480-4-4R7K-RC
RB5480-4-5R6K-RC
RB5480-4-6R8K-RC
RB5480-4-8R2K-RC
RB5480-4-100K-RC
RB5480-4-120K-RC
RB5480-4-150K-RC
RB5480-4-180K-RC
RB5480-4-220K-RC
RB5480-4-270K-RC
RB5480-4-330K-RC
RB5480-4-390K-RC
RB5480-4-470K-RC
RB5480-4-560K-RC
RB5480-4-680K-RC
RB5480-4-820K-RC
RB5480-4-101K-RC
RB5480-4-121K-RC
RB5480-4-151K-RC
RB5480-4-181K-RC
RB5480-4-221K-RC
RB5480-4-271K-RC
RB5480-4-331K-RC
RB5480-4-391K-RC
RB5480-4-471K-RC
RB5480-4-561K-RC
RB5480-4-681K-RC
RB5480-4-821K-RC
RB5480-4-102K-RC
RB5480-4-122K-RC
RB5480-4-152K-RC
RB5480-4-182K-RC
RB5480-4-222K-RC
RB5480-4-272K-RC
RB5480-4-332K-RC
RB5480-4-392K-RC
RB5480-4-472K-RC
RB5480-4-562K-RC
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
RB5480-4
Radial Power Choke
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
0.016
0.018
0.021
0.023
0.026
0.031
0.036
0.040
0.041
0.043
0.046
0.051
0.054
0.063
0.075
0.078
0.088
0.108
0.127
0.162
0.228
0.252
0.270
0.394
0.416
0.568
0.650
0.740
1.00
1.20
1.50
1.70
1.80
2.40
2.80
3.70
5.00
5.60
6.30
2.60
2.60
2.60
2.60
2.60
2.60
2.60
2.60
2.60
2.60
2.60
2.60
2.60
2.60
2.60
2.60
2.60
2.00
2.00
1.60
1.30
1.30
1.30
1.00
1.00
0.800
0.800
0.800
0.620
0.490
0.490
0.490
0.385
0.385
0.385
0.300
0.250
0.250
0.250
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Isat
DC (Amps)
Rated Current
(Amps)
All specifications subject to change without notice.
Small Foot Print
Extensive Inductance Range
Cross to Renco RL-5480-4 Series
Features
Electrical
Inductance Range: 3.9
µh ~ 100,000µh
Physical
Packaging: 100 / Bag
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
.450±.050
(11.43±1.27)
.710±.050
(18.03±1.27)
.375±.050
(9.52±1.27)
.625±.050
(15.87±1.27)
Dimensions:
Inches
(mm)
0.340
0.310
0.285
0.245
0.225
0.185
0.170
RB5480-4-682K-RC
RB5480-4-822K-RC
RB5480-4-103K-RC
RB5480-4-123K-RC
RB5480-4-153K-RC
RB5480-4-183K-RC
RB5480-4-223K-RC
6800
8200
10000
12000
15000
18000
22000
10
10
10
10
10
10
10
8.40
9.60
10.5
14.5
20.5
27.5
31.0
0.190
0.190
0.190
0.150
0.120
0.095
0.095
Tolerance: 10% over entire range
Test Frequency: 1KHz
Operating Temp: -55ºC to +125ºC
Isat: Based on Inductance change by
no more than 5% of initial value and
Marking: EIA Inductance Code
09/03/10
.032±.050
(.813±1.27)
.290±.050
(7.37±1.27)
The RB5480 series is available
in 5 different sizes
temperature rise of no more than 30ºC
of initial temperature within coil body.
Test Equipment
Inductance: CH-100
DCR: CH-301 Current Source & DCR Meter
Current: CH-301 Current Source &
DCR Meter
DCR
Max.
(
Ω)
0.155
0.145
RB5480-4-273K-RC
RB5480-4-333K-RC
27000
33000
10
10
35.5
40.0
0.095
0.095
0.135
0.130
RB5480-4-393K-RC
RB5480-4-473K-RC
39000
47000
10
10
51.0
56.0
0.095
0.095
0.120
0.110
RB5480-4-563K-RC
RB5480-4-683K-RC
56000
68000
10
10
77.0
84.0
0.060
0.060
0.074
0.068
RB5480-4-823K-RC
RB5480-4-104K-RC
82000
100000
10
10
115.0
130.0
0.046
0.046


Similar Part No. - RB5480-4-152K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB5480-4-152K-RC ALLIED-RB5480-4-152K-RC Datasheet
494Kb / 1P
   Radial Power Choke
More results

Similar Description - RB5480-4-152K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB5480-2 ALLIED-RB5480-2 Datasheet
481Kb / 1P
   Radial Power Choke
RB5480-5-3R9K-RC ALLIED-RB5480-5-3R9K-RC Datasheet
504Kb / 1P
   Radial Power Choke
RB1315 ALLIED-RB1315 Datasheet
308Kb / 1P
   Radial Power Choke
RB5480-1-3R9K-RC ALLIED-RB5480-1-3R9K-RC Datasheet
476Kb / 1P
   Radial Power Choke
RB5480-5 ALLIED-RB5480-5 Datasheet
504Kb / 1P
   Radial Power Choke
RB5480-3-3R9K-RC ALLIED-RB5480-3-3R9K-RC Datasheet
490Kb / 1P
   Radial Power Choke
RB5480-2-3R9K-RC ALLIED-RB5480-2-3R9K-RC Datasheet
481Kb / 1P
   Radial Power Choke
RB5480-4 ALLIED-RB5480-4 Datasheet
494Kb / 1P
   Radial Power Choke
RB895 ALLIED-RB895 Datasheet
318Kb / 1P
   Radial Power Choke
RB5480-1 ALLIED-RB5480-1 Datasheet
476Kb / 1P
   Radial Power Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com