Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAOC-009262-TR0500 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAOC-009262-TR0500
Description  Voltage Controlled Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAOC-009262-TR0500 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAOC-009262-TR0500 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAOC-009262-TR0500 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAOC-009262-TR0500 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAOC-009262-TR0500 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAOC-009262-TR0500 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Voltage Controlled Oscillator
7.4 - 8.2 GHz
Rev. V1
MAOC-009262-PKG003
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Phase Noise
• Wide Tuning Range
• Divide-by-Two Output
• Integrated Buffer Amplifier
• Excellent Temperature Stability
• +5V Bias Supply
• Lead-Free 5 mm 32-Lead PQFN Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
The MAOC-009262 is an InGaP HBT-based voltage
controlled oscillator for frequency generation. No
external matching components are required. This
VCO is easily integrated into a phase lock loop using
the divide-by-two output. The extremely low phase
noise makes this part ideal for many radio
applications including high capacity digital radios.
The MAOC-009262 primary applications are Point-
to-Point
Radio,
Point-to-Multipoint
Radio,
Communications Systems, and Low Phase Noise
applications.
The 5 mm PQFN package has a lead-free finish that
is RoHS compliant and compatible with a 260ºC
reflow temperature. The package also features low
lead inductance and an excellent thermal path.
Block Diagram
Ordering Information1,2
Part Number
Package
MAOC-009262-TR0500
500 piece reel
MAOC-009262-TR1000
1000 piece reel
MAOC-009262-SMB003
Sample Board
Pin
Function
Pin
Function
1
N/C
17
N/C
2
N/C
18
N/C
3
N/C
19
RF
4
N/C
20
N/C
5
N/C
21
VCC
6
N/C
22
N/C
7
VBUFFER
23
N/C
8
N/C
24
N/C
9
N/C
25
N/C
10
N/C
26
N/C
11
N/C
27
N/C
12
RF/2
28
N/C
13
N/C
29
VTUNE
14
N/C
30
N/C
15
N/C
31
N/C
16
N/C
32
N/C
Pin Designations2
*
Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Reference Application Note M513 for reel size information.
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground. Connecting all N/C pins to
RF/DC Ground in the layout is also recommended.


Similar Part No. - MAOC-009262-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-009262-TR0500 MA-COM-MAOC-009262-TR0500 Datasheet
858Kb / 5P
   Voltage Controlled Oscillator
More results

Similar Description - MAOC-009262-TR0500

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com