Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB05-391K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RB05-391K-RC
Description  Radial Bobbin Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RB05-391K-RC Datasheet(HTML) 1 Page - Allied Components International

  RB05-391K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.16
3.67
3.20
2.92
2.70
2.51
2.30
2.04
1.93
1.74
1.60
1.41
1.26
1.04
0.96
0.87
0.79
0.73
0.66
0.60
0.55
0.50
0.45
0.41
0.33
0.30
0.27
0.25
0.23
0.21
0.19
0.17
0.16
RB05-1R2K-RC
RB05-1R5K-RC
RB05-2R2K-RC
RB05-2R7K-RC
RB05-3R3K-RC
RB05-3R9K-RC
RB05-4R7K-RC
RB05-5R6K-RC
RB05-6R8K-RC
RB05-8R2K-RC
RB05-100K-RC
RB05-120K-RC
RB05-150K-RC
RB05-220K-RC
RB05-270K-RC
RB05-330K-RC
RB05-390K-RC
RB05-470K-RC
RB05-560K-RC
RB05-680K-RC
RB05-820K-RC
RB05-101K-RC
RB05-121K-RC
RB05-151K-RC
RB05-221K-RC
RB05-271K-RC
RB05-331K-RC
RB05-391K-RC
RB05-471K-RC
RB05-561K-RC
RB05-681K-RC
RB05-821K-RC
RB05-102K-RC
1.2
1.5
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
22
27
33
39
47
56
68
82
100
120
150
220
270
330
390
470
560
680
820
1000
RB05 Radial Bobbin Inductors
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
0.021
0.024
0.029
0.032
0.037
0.040
0.043
0.049
0.052
0.059
0.067
0.076
0.087
0.123
0.137
0.169
0.213
0.267
0.350
0.397
0.519
0.584
0.657
0.878
1.10
1.30
1.80
2.00
2.80
3.10
3.50
5.30
6.00
3.00
2.85
2.60
2.45
2.30
2.15
2.10
1.95
1.90
1.70
1.60
1.40
1.25
1.05
0.96
0.87
0.79
0.73
0.65
0.60
0.53
0.50
0.45
0.41
0.33
0.30
0.27
0.25
0.22
0.21
0.19
0.16
0.15
3.02
2.85
2.59
2.47
2.28
2.18
2.10
1.99
1.92
1.81
1.69
1.59
1.48
1.24
1.18
1.06
1.95
0.84
0.65
0.61
0.53
0.50
0.47
0.41
0.36
0.34
0.29
0.26
0.22
0.21
0.20
0.16
0.15
4.26
4.01
3.66
3.48
3.21
3.08
2.96
2.80
2.71
2.55
2.38
2.24
2.09
1.75
1.66
1.50
1.33
1.19
0.87
0.81
0.71
0.67
0.63
0.55
0.48
0.45
0.39
0.36
0.31
0.29
0.28
0.22
0.21
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Isat
Rated
Current
(Amp)
All specifications subject to change without notice.
Radial Leaded
Small foot print
Cross to Tokin SBCP-47HY Series
Features
Electrical
Inductance Range: 1.2
µh to 1000µh
Physical
Packaging: 1000 / Ammo Pack
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
Tolerance: 10% over entire range
Test Frequency: 10KHz/1mA
Operating Temp: -20ºC ~ +105ºC
Marking: EIA Inductance Code
REVISED 09/16/10
.197
(5.0)
MAX.
.024±0.02
(0.60±0.05)
.098±0.2
(2.50±0.5)
.295
(7.5)
MAX.
.197±0.2
(5.00±0.5)
.039
(1.0)
MAX.
Available in AMMO Pack
Test Equipment
Inductance: HP 4284A 10KHZ-1mA
DCR: HP4263B
Current: 11021 Current Source
10KHz-1mA
DCR
Max.
(Ω)
Rated Current
(Reference Value)
∆T=20ºC
∆T=40ºC
Isat: Current at which the Inductance
drops by 10% @ 85ºC
(Amp)
Optional UL Shrink Tube


Similar Part No. - RB05-391K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB05-391K-RC ALLIED-RB05-391K-RC Datasheet
472Kb / 1P
   Radial Bobbin Inductors
More results

Similar Description - RB05-391K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB40 ALLIED-RB40 Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC Datasheet
836Kb / 1P
   Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC_10 Datasheet
839Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC_10 Datasheet
795Kb / 1P
   Radial Bobbin Inductors
RB0807 ALLIED-RB0807 Datasheet
383Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC Datasheet
781Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB0810 ALLIED-RB0810 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB40-101K-RC ALLIED-RB40-101K-RC Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB0810-100K-RC ALLIED-RB0810-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB20 ALLIED-RB20 Datasheet
795Kb / 1P
   Radial Bobbin Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com