Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1803-X-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD1803-X-TN3-R
Description  HIGH CURRENT SWITCHING APPLICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1803-X-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD1803-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SD1803-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SD1803-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SD1803-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SD1803-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD1803
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R209-014,E
ABSOLUATE MAXIUM RATINGS (T
A = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6
V
DC
IC
5
Collector Current
PULSE
ICM
8
A
TA=25°C
1
Power Dissipation
TC=25°C
PD
20
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A= 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=10μA, IE=0
60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA, RBE=∞
50
V
Emitter-Base Breakdown Voltage
BVEBO
IE=10μA, IC=0
6
V
Collector Cutoff Current
ICBO
VCB=40V, IE=0
1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
1
μA
hFE1
VCE=2V, IC=0.5A
70
400
DC Current Gain
hFE2
VCE=2V, IC=4A
35
C-E Saturation Voltage
VCE(SAT)
IC=3A, IB=0.15A
220
400
mV
B-E Saturation Voltage
VBE(SAT)
IC=3A, IB=0.15A
0.95
1.3
V
Gain-Bandwidth Product
fT
VCE=5V, Ic=1A
180
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
40
pF
Turn-on Time
tON
See Test Circuit
50
ns
Storage Time
tS
See Test Circuit
500
ns
Fall Time
tF
See Test Circuit
20
ns
CLASSIFICATION OF hFE1
RANK
Q
R
S
T
RANGE
70 ~ 140
100 ~ 200
140 ~ 280
200 ~ 400


Similar Part No. - 2SD1803-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD1803-Q KEXIN-2SD1803-Q Datasheet
1Mb / 3P
   NPN Transistors
2SD1803-R KEXIN-2SD1803-R Datasheet
1Mb / 3P
   NPN Transistors
2SD1803-S KEXIN-2SD1803-S Datasheet
1Mb / 3P
   NPN Transistors
2SD1803-T KEXIN-2SD1803-T Datasheet
1Mb / 3P
   NPN Transistors
logo
Unisonic Technologies
2SD1803-TM3-T UTC-2SD1803-TM3-T Datasheet
127Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
More results

Similar Description - 2SD1803-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1802 UTC-2SD1802 Datasheet
300Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803 Datasheet
127Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1804 UTC-2SD1804_09 Datasheet
204Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802_11 Datasheet
179Kb / 3P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012_10 Datasheet
327Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_15 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202 Datasheet
109Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_10 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1624 UTC-2SD1624_11 Datasheet
240Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com