Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4672 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SC4672
Description  LOW FREQUENCY TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4672 Datasheet(HTML) 4 Page - Unisonic Technologies

  2SC4672_10 Datasheet HTML 1Page - Unisonic Technologies 2SC4672_10 Datasheet HTML 2Page - Unisonic Technologies 2SC4672_10 Datasheet HTML 3Page - Unisonic Technologies 2SC4672_10 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SC4672
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R208-004.D
U T C assum es no responsibility for equipm ent failures that result from using products at v alues that
ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all U T C products described or contained
herein. U T C products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably ex pected to result in personal injury. R eproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.


Similar Part No. - 2SC4672_10

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4672T100P ROHM-2SC4672T100P Datasheet
74Kb / 3P
   Low Frequency Transistor (50V, 3A)
2SC4672T100Q ROHM-2SC4672T100Q Datasheet
74Kb / 3P
   Low Frequency Transistor (50V, 3A)
logo
SeCoS Halbleitertechnol...
2SC4672 SECOS-2SC4672_10 Datasheet
276Kb / 2P
   NPN Plastic-Encapsulate Transistor
More results

Similar Description - 2SC4672_10

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
2SB1197KXLT1 WILLAS-2SB1197KXLT1 Datasheet
316Kb / 3P
   Low Frequency Transistor
logo
Leshan Radio Company
L2SA2030M3T5G LRC-L2SA2030M3T5G Datasheet
107Kb / 3P
   Low frequency transistor
logo
Guangdong Kexin Industr...
2SD2150 KEXIN-2SD2150 Datasheet
35Kb / 1P
   Low Frequency Transistor
logo
Galaxy Semi-Conductor H...
2SA2018 BILIN-2SA2018_17 Datasheet
155Kb / 4P
   LOW FREQUENCY TRANSISTOR
logo
DONGGUAN YOU FENG WEI E...
2SB1197 YFWDIODE-2SB1197 Datasheet
325Kb / 2P
   Low Frequency Transistor
logo
Galaxy Semi-Conductor H...
2SC5585 BILIN-2SC5585 Datasheet
166Kb / 4P
   LOW FREQUENCY TRANSISTOR
2SA2018 BILIN-2SA2018 Datasheet
169Kb / 4P
   LOW FREQUENCY TRANSISTOR
logo
Rohm
2SA2018 ROHM-2SA2018_1 Datasheet
145Kb / 3P
   Low frequency transistor
logo
Guangdong Kexin Industr...
2SA2018 KEXIN-2SA2018 Datasheet
35Kb / 1P
   Low Frequency Transistor
logo
Rohm
UML1N ROHM-UML1N Datasheet
25Kb / 1P
   Low-frequency transistor
2SA2018 ROHM-2SA2018 Datasheet
80Kb / 3P
   Low frequency transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com