Electronic Components Datasheet Search |
|
PC1307-6R8M-RC Datasheet(PDF) 1 Page - Allied Components International |
|
PC1307-6R8M-RC Datasheet(HTML) 1 Page - Allied Components International |
|
1 / 1 page Power Chip Inductors PC1307 (MHz) RoHS Irms (A) Inductance (uh) Tolerance (%) Q Ref SRF (MHz) RDC (mΩ) Isat (A) Allied Part Number QTest Freq. PC1307-1R5M-RC PC1307-2R2M-RC PC1307-2R7M-RC PC1307-3R3M-RC PC1307-4R7M-RC PC1307-5R6M-RC PC1307-6R8M-RC PC1307-8R2M-RC PC1307-100M-RC PC1307-120M-RC PC1307-150M-RC PC1307-180M-RC PC1307-220M-RC PC1307-270M-RC PC1307-330M-RC PC1307-390M-RC PC1307-470M-RC PC1307-560M-RC PC1307-680M-RC PC1307-820M-RC PC1307-101M-RC PC1307-121M-RC PC1307-151M-RC PC1307-181M-RC PC1307-221M-RC PC1307-271M-RC PC1307-331M-RC PC1307-391M-RC PC1307-471M-RC PC1307-561M-RC PC1307-681M-RC PC1307-821M-RC PC1307-102M-RC 1.5 2.2 2.7 3.3 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 271 330 391 470 560 680 820 1000 20 20 20 20 20 20 20 20 20 20 20 20 20 20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 20 22 24 26 25 24 24 24 22 25 28 28 40 35 35 28 24 22 24 18 25 20 20 18 15 15 15 12 12 10 10 10 10 65 50 40 38 36 28 26 24 22 20 17 16 15 11 10 9.0 7.5 7.2 7.0 6.0 5.8 5.5 4.5 4.0 3.8 3.5 3.2 2.5 2.2 2.0 1.6 1.5 1.4 5.0 6.0 8.0 8.7 10 15 17 19 21 30 34 36 47 60 65 75 82 95 120 140 180 210 250 280 360 410 520 600 720 880 1000 1300 1600 20 18 16 15 13 11 10.5 9.8 9.2 8.0 7.5 7.0 6.5 5.5 5.0 4.6 4.2 3.8 3.5 3.2 3.0 2.8 2.6 2.3 2.1 1.8 1.6 1.5 1.4 1.3 1.2 1.1 1.0 9.5 9.0 8.2 7.5 7.0 6.5 6.0 5.8 5.6 4.8 4.5 4.2 3.6 3.3 3.1 2.9 2.7 2.5 2.3 2.1 1.9 1.8 1.6 1.5 1.3 1.2 1.2 1.0 0.9 .85 .80 .75 .65 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com Dimensions: Inches (mm) All specifications subject to change without notice. Typ MHz 0.1V 2.52 REVISED 11/1/10 .796 Typ Typ Max. Features • Unshielded SMD Power Inductor • Suitable for large currents • High Saturation Current Electrical Inductance Range: 1.5µh to 1000µh Tolerance: 20% over entire range Operating Temp: -40ºC ~ +125ºC IDC: Current at which Inductance drops 10% of original value with a Resistance to Soldering Heat Pre-Heat 150ºC, 1 Min. Solder Composition: Sn/Ag3.0/Cu0.5 Solder Temp: 260ºC +/- 5ºC for 10 sec ± 1 sec. Test Equipment (L): HP4192A LF Impedence Analyzer (RDC): Chen Hwa 502BC (IDC): HP4284A with HP42841A or Physical Packaging: 300 pieces per 7 inch reel. Marking: EIA Inductance Code. ∆ T= 40�C whichever is lower. Also available in tighter tolerances Chen Hwa 1061 + 301A • Ideal for DC-DC converter applications Test Frequency: As noted (SRF): HP4286A |
Similar Part No. - PC1307-6R8M-RC |
|
Similar Description - PC1307-6R8M-RC |