Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB834G-X-TF3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SB834G-X-TF3-T
Description  HIGH VOLTAGE TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB834G-X-TF3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  2SB834G-X-TF3-T Datasheet HTML 1Page - Unisonic Technologies 2SB834G-X-TF3-T Datasheet HTML 2Page - Unisonic Technologies 2SB834G-X-TF3-T Datasheet HTML 3Page - Unisonic Technologies 2SB834G-X-TF3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SB834
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R204-018.D
TYPICAL CHARACTERISTICS
40
0
Temperature, TC (°C)
100
0
Power Derating
125
150
50
25
10
15
75
5
20
25
30
35
-3.0
-2.0
Collector-Emitter Voltage, VCE (V)
-1.0
-3.0
-6.0
-4.0
-5.0
-2.0
-1.0
0
Collector Current vs.
Collector-Emitter Voltage
-20
-30
-40
-50
IB = -10mA
TC=25°C
TO-126/TO-220F
TO-220
300
Collector Current, IC (mA)
50
100
-100
-3k
-200
-1k
-20
-2
30
10
DC Current Gain
-5 -10
-50
-500
VCE = 5.0V
-3.0
Base-Emitter Voltage, VBE (V)
-2.0
-0.8
-1.6
-1.0
0
-0.4
-1.2
VCE = 5.0V
Collector Current vs.
Base-Emitter Voltage
TC=100°C
25°C
-25°C
-0.4
Collector Current, IC (mA)
-0.1
-0.2
-100
-3k
-200
-1k
-20
-2
-0.05
-0.02
Collector-Emitter Saturation Voltage
vs. Collector Current
-5 -10
-50
-500
-2k
-1.0
Common Emitter
IC/IB = 10
-5.0
Collector Emitter Voltage, VCE (V)
-1.0
-2.0
-1.0
-0.5
-0.1
Active-Region Safe Operating AREA
(SOA)
-10
100ms
-0.2
10ms
1ms
DC
-10
-100
-5.0
-2.0
-7.0
-20
-70
-50
Bonding Wire Limit
Second Breakdown Limit
Thermally Limited
at TC=25°C(Single Pulse)
TC=100°C
25°C
-25°C
-60
-80
-70
TC=100°C
TC=25°C
TC=-25°C


Similar Part No. - 2SB834G-X-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB834G-X-TF3-T UTC-2SB834G-X-TF3-T Datasheet
208Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results

Similar Description - 2SB834G-X-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com