Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM802104 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SM802104
Description  ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802104 Datasheet(HTML) 5 Page - Micrel Semiconductor

  SM802104 Datasheet HTML 1Page - Micrel Semiconductor SM802104 Datasheet HTML 2Page - Micrel Semiconductor SM802104 Datasheet HTML 3Page - Micrel Semiconductor SM802104 Datasheet HTML 4Page - Micrel Semiconductor SM802104 Datasheet HTML 5Page - Micrel Semiconductor SM802104 Datasheet HTML 6Page - Micrel Semiconductor SM802104 Datasheet HTML 7Page - Micrel Semiconductor SM802104 Datasheet HTML 8Page - Micrel Semiconductor SM802104 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
SM802104
April 2011
5
M9999-042111-A
hbwhelp@micrel.com or (408) 955-1690
LVCMOS (PLL_BYPASS, XTAL_SEL, OE1/2, FSEL) DC Electrical Characteristics
(4)
VDD = 3.3V ±5%, or 2.5V ±5%, TA = -40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
VDD = VIN = 3.465V
150
μA
IIL
Input Low Current
VDD = 3.465V, VIN = 0V
-150
μA
REF_IN DC Electrical Characteristics
(4)
VDD = 3.3V ±5%, or 2.5V ±5%, TA = -40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIH
Input High Voltage
1.1
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.6
V
XTAL_SEL = VIL, VIN = 0V to VDD
-5
5
μA
IIN
Input Current
XTAL_SEL = VIH, VIN = VDD
20
µA
Crystal Characteristics
NDK NX2520SA
Parameter
Condition
Min.
Typ.
Max.
Units
Mode of Oscillation
12pF Load
Fundamental, Parallel Resonant
Frequency
26.5625
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitor, C0
3
7
pF
Correlation Drive Level
100
300
uW


Similar Part No. - SM802104

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMG MICREL-SM802101UMG Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMGR MICREL-SM802101UMGR Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802105UMG MICREL-SM802105UMG Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

Similar Description - SM802104

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
   ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Maxim Integrated Produc...
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
logo
Micrel Semiconductor
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
   255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com