Electronic Components Datasheet Search |
|
PT481FE0000F Datasheet(PDF) 6 Page - Sharp Corporation |
|
PT481FE0000F Datasheet(HTML) 6 Page - Sharp Corporation |
6 / 9 page Sheet No.: D1-A01401EN 6 PT481FE0000F ■ Design Notes 1. This product is not designed to resist electromagnetic and ionized-particle radiation. ■ Manufacturing Guidelines ● Soldering Instructions 1. Sharp does not recommend soldering this part using preheat or solder reflow methods. Leads on this part are pre-coated with lead-free solder. 2. If hand soldering, use temperatures ≤260° for ≤5 seconds. 3. When mounting this device, care should be taken to prevent any boundary exfoliation (pad lifting) between the solder, the pad, and the circuit board. 4. Do not subject the package to excessive mechanical force during soldering as it may cause deformation or defects in plated connections. Internal connections may be severed due to mechanical force placed on the pack- age due to the PCB flexing during the soldering process. ● Cleaning Instructions 1. Confirm this device's resistance to process chemicals before use, as certain process chemicals may affect the optical characteristics. 2. Solvent cleaning: Solvent temperature should be 45°C or below. Immersion time should be 3 minutes or less. 3. Ultrasonic cleaning: The effect upon devices varies due to cleaning bath size, ultrasonic power output, cleaning time, PCB size and device mounting circumstances. Sharp recommends testing using actual production condi- tions to confirm the harmlessness of the ultrasonic cleaning methods. 4. Recommended solvent materials: Ethyl alcohol, Methyl alcohol, and Isopropyl alcohol. Fig. 12 Soldering Area 1.4 mm Solderable |
Similar Part No. - PT481FE0000F |
|
Similar Description - PT481FE0000F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |