Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC10-82NJ-RC Datasheet(PDF) 1 Page - Allied Components International

Part # CC10-82NJ-RC
Description  CC10-10NK-RC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

CC10-82NJ-RC Datasheet(HTML) 1 Page - Allied Components International

  CC10-82NJ-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ceramic Core Chip Inductors
CC10
(MHz)
RoHS
Rated
Current
(mA)
Inductance
(nh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
Allied
Part
Number
Test
Freq.
CC10-10NK-RC
CC10-12NK-RC
CC10-15NK-RC
CC10-18NK-RC
CC10-22NJ-RC
CC10-27NJ-RC
CC10-33NJ-RC
CC10-39NJ-RC
CC10-47NJ-RC
CC10-56NJ-RC
CC10-68NJ-RC
CC10-82NJ-RC
CC10-100NJ-RC
CC10-120NJ-RC
CC10-150NJ-RC
CC10-180NJ-RC
CC10-220NJ-RC
CC10-270NJ-RC
CC10-330NJ-RC
CC10-390NJ-RC
CC10-470NJ-RC
CC10-560NJ-RC
CC10-620NJ-RC
CC10-680NJ-RC
CC10-750NJ-RC
CC10-820NJ-RC
CC10-910NJ-RC
CC10-1000NJ-RC
CC10-1200NJ-RC
CC10-1500NJ-RC
CC10-1800NJ-RC
CC10-2200NJ-RC
CC10-2700NJ-RC
CC10-3300NJ-RC
CC10-3900NJ-RC
CC10-4700NJ-RC
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
620
680
750
820
910
1000
1200
1500
1800
2200
2700
3300
3900
4700
10
10
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
50
50
50
50
55
55
60
60
65
65
65
60
60
60
45
45
45
45
45
45
45
45
45
45
45
45
35
35
35
28
28
28
22
22
20
20
500
500
500
350
350
350
350
350
350
350
350
350
350
350
100
100
100
100
100
100
100
100
100
100
100
100
50
50
50
50
50
50
25
25
25
25
4100
3300
2500
2500
2400
1600
1600
1500
1500
1300
1300
1000
1000
950
850
750
700
600
570
500
450
415
375
375
360
350
320
290
250
200
160
160
140
110
100
90
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.18
0.20
0.22
0.56
0.63
0.70
0.77
0.84
0.91
1.05
1.12
1.19
1.33
1.40
1.47
1.54
1.61
1.68
1.75
2.00
2.30
2.60
2.80
3.20
3.40
3.60
4.00
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
650
650
580
620
500
500
450
470
470
400
300
400
360
400
380
370
310
330
300
280
290
290
260
260
50
50
50
50
50
50
50
50
50
50
50
50
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.115
(2.92)
Max
Max
Max
0.110
(2.79)
Dimensions:
Inches
(mm)
0.079
(2.03)
0.020±0.004
(0.51±0.10)
0.080±0.004
(2.03±0.10)
0.006 min.
0.15 min.
0.050
(1.27)
0.040
(1.02)
0.100
(2.54)
CC10-5600NJ-RC
CC10-6800NJ-RC
CC10-8200NJ-RC
CC10-10000NJ-RC
5600
6800
8200
10000
5
5
5
5
18
18
18
18
7.9
7.9
7.9
7.9
45
40
25
25
4.00
4.90
6.00
8.00
240
200
170
150
7.9
7.9
7.9
2.52
CC10-15000NJ-RC 15000
5
15
7.9
20
11.00
100
2.52
All specifications subject to change without notice.
Features
• 1008 size suitable for pick and place
• Ceramic core provide high self resonant
• High Q values at high frequencies
Electrical
Inductance Range: 10nH to 15,000nH
Tolerance:
5% over entire range, except 10nH
thru 18nH they are available in 10%
Test Frequency: At specified frequency with
Operating Temp: -40ºC ~ 125ºC
Irms: Based on 15ºC temperature rise @
Test Equipment
(L/Q): HP4286A / HP4287A /Agilent E4991A
Test Method: Reflow Solder the devide onto PCB
Physical
Packaging: 2000 pieces per 7 inch reel.
• Low Profile under 2.03mm
• Ceramic core also provides excellent thermal
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Total test time: 6 minutes
(SRF): HP8753D / Agilent E4991
(RDC): Chen Hwa 502BC
Irms: HP4284A + HP42841A / HP4285A +
Marking: Three Dot Color Code System
automation
frequency.
and batch consistency
Most values available in tighter tolerances
Test OSC @ 200mV
25º Ambient.
Peak Temp: 260ºC ± 5ºC for 10 sec.
HP42841A
REVISED 7/1/10
Also available in 5% = J and 2% = G


Similar Part No. - CC10-82NJ-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CC10-82NJ-RC ALLIED-CC10-82NJ-RC Datasheet
393Kb / 1P
   Ceramic Core Chip Inductors
CC10-82NJ-RC ALLIED-CC10-82NJ-RC Datasheet
398Kb / 1P
   Ceramic Core Chip Inductors
More results

Similar Description - CC10-82NJ-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCI1005HQ10NK ETC-MCI1005HQ10NK Datasheet
8Kb / 1P
   ELECTRICAL CHARACTERISTICS MCI 1005HQ 10NK
logo
Infineon Technologies A...
IKD04N60RF INFINEON-IKD04N60RF Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
logo
PHOENIX CONTACT
5900230 PHOENIX-5900230 Datasheet
50Kb / 2P
   RC module - RC/RK 0,22UF/47
11/05/2018
logo
TRIAD MAGNETICS
RC-7 TRIAD-RC-7 Datasheet
37Kb / 1P
   RC-7
RC-6 TRIAD-RC-6 Datasheet
124Kb / 1P
   RC-6
logo
PHOENIX CONTACT
1603893 PHOENIX-1603893 Datasheet
46Kb / 1P
   RC-E0034
1598510 PHOENIX-1598510 Datasheet
56Kb / 2P
   RC-12S1N121L00
1597932 PHOENIX-1597932 Datasheet
57Kb / 3P
   RC-12P2N127K00
1592756 PHOENIX-1592756 Datasheet
50Kb / 2P
   RC-000000090J0
12/06/2018
1595045 PHOENIX-1595045 Datasheet
43Kb / 1P
   RC-09P1N1280LA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com