Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT480FE0000F Datasheet(PDF) 5 Page - Sharp Corporation

Part # PT480FE0000F
Description  Phototransistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT480FE0000F Datasheet(HTML) 5 Page - Sharp Corporation

  PT480FE0000F Datasheet HTML 1Page - Sharp Corporation PT480FE0000F Datasheet HTML 2Page - Sharp Corporation PT480FE0000F Datasheet HTML 3Page - Sharp Corporation PT480FE0000F Datasheet HTML 4Page - Sharp Corporation PT480FE0000F Datasheet HTML 5Page - Sharp Corporation PT480FE0000F Datasheet HTML 6Page - Sharp Corporation PT480FE0000F Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Sheet No.: D1-A02001EN
5
PT480FE0000F
■ Packing Specifications
1.
Parts are packed in a vinyl bag, at an average quantity of 1,000 pieces per bag.
2.
Bags are secured in a box as shown in the illustration on PAGE CROSSREFERENCE.
3.
Product mass: 0.09 g (approximately)
■ Design Notes
1.
This product is not designed to resist electromagnetic and ionized-particle radiation.
■ Manufacturing Guidelines
● Cleaning Instructions
1.
Confirm this device's resistance to process chemicals before use, as certain process chemicals may affect the
optical characteristics.
2.
Solvent cleaning: Solvent temperature should be 45°C or below. Immersion time should be 3 minutes or less.
3.
Ultrasonic cleaning: The effect upon devices varies due to cleaning bath size, ultrasonic power output, cleaning
time, PCB size and device mounting circumstances. Sharp recommends testing using actual production condi-
tions to confirm the harmlessness of the ultrasonic cleaning methods.
4.
Recommended solvent materials: Ethyl alcohol, Methyl alcohol, and Isopropyl alcohol.
● Soldering Instructions
1.
Sharp does not recommend using preheat or solder reflow methods when soldering this part.
2.
If hand soldering, use temperatures
≤260°C for ≤5 seconds.
3.
When mounting this device, care should be taken to prevent any boundary exfoliation (pad lifting) between the
solder, the pad, and the circuit board.
4.
Do not subject the package to excessive mechanical force during soldering as it may cause deformation or
defects in plated connections. Internal connections may be severed due to mechanical force placed on the pack-
age due to the PCB flexing during the soldering process.
Fig. 4 Soldering Area
1.4 mm
Solderable


Similar Part No. - PT480FE0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT480F SHARP-PT480F Datasheet
54Kb / 4P
   Narrow Acceptance Phototransistor
More results

Similar Description - PT480FE0000F

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2829 HAMAMATSU-S2829 Datasheet
83Kb / 2P
   Phototransistor Subminiature package phototransistor
logo
List of Unclassifed Man...
OPT6794 ETC1-OPT6794 Datasheet
71Kb / 1P
   Phototransistor
logo
Kingbright Corporation
AM4457P3C KINGBRIGHT-AM4457P3C Datasheet
190Kb / 4P
   PHOTOTRANSISTOR
logo
Siemens Semiconductor G...
LPT85A SIEMENS-LPT85A Datasheet
63Kb / 2P
   PHOTOTRANSISTOR
logo
Lite-On Technology Corp...
LTE-4206 LITEON-LTE-4206_1 Datasheet
108Kb / 3P
   PHOTOTRANSISTOR
logo
Kingbright Corporation
WP3DP3BT-BD-P22 KINGBRIGHT-WP3DP3BT-BD-P22 Datasheet
663Kb / 4P
   Phototransistor
logo
Siemens Semiconductor G...
BPX43 SIEMENS-BPX43 Datasheet
119Kb / 2P
   PHOTOTRANSISTOR
BPX38 SIEMENS-BPX38 Datasheet
131Kb / 2P
   PHOTOTRANSISTOR
logo
Sharp Corporation
PT100MF1MP1 SHARP-PT100MF1MP1 Datasheet
396Kb / 10P
   Phototransistor
PT480E00000F SHARP-PT480E00000F Datasheet
551Kb / 9P
   Phototransistor
logo
Kingbright Corporation
KM-4457P3C KINGBRIGHT-KM-4457P3C Datasheet
391Kb / 2P
   PHOTOTRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com