Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1012 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA1012
Description  HIGH CURRENT SWITCHING APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1012 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA1012_10 Datasheet HTML 1Page - Unisonic Technologies 2SA1012_10 Datasheet HTML 2Page - Unisonic Technologies 2SA1012_10 Datasheet HTML 3Page - Unisonic Technologies 2SA1012_10 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1012
PNP SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2 of 4
www.unisonic.com.tw
QW-R203-015,H
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Collector-Emitter Voltage
VEBO
-5
V
Peak Collector Current
IC
-5
A
Power Dissipation
PD
25
W
Junction Temperature
TJ
150
Storage Temperature
TSTG
-55 ~ +150
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25 ,
unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-100μA, IE=0
-60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-10mA, IB=0
-50
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-100μA, IC=0
-5
V
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-1.0
μA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-1.0
μA
hFE1
VCE=-1V, IC=-1A
70
360
DC Current Gain
hFE2
VCE=-1V, IC=-3A
30
Collector-Emitter Saturation Voltage
VCE (SAT) IC=-3A, IB=-0.15A
-0.2
-0.4
V
Base-Emitter Saturation Voltage
VBE (SAT) IC=-3A, IB=-0.15A
-0.9
-1.2
V
Transition frequency
fT
VCE=-4V, IC=-1A
60
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
170
pF
Turn-on time
tON
0.1
μs
Storage time
tS
1.0
μs
Switching time
Fall time
tF
0.1
μs
CLASSIFICATION of hFE1
RANK
O
Y
R
RANGE
70 ~ 140
120 ~ 240
180 ~ 360


Similar Part No. - 2SA1012_10

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1012 MCC-2SA1012_13 Datasheet
314Kb / 2P
   PNP Plastic-Encapsulate Transistor
logo
Quanzhou Jinmei Electro...
2SA1012 JMNIC-2SA1012_15 Datasheet
125Kb / 1P
   Power Transistors
More results

Similar Description - 2SA1012_10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1802 UTC-2SD1802 Datasheet
300Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803 Datasheet
127Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1804 UTC-2SD1804_09 Datasheet
204Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802_11 Datasheet
179Kb / 3P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_15 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202 Datasheet
109Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_10 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1624 UTC-2SD1624_11 Datasheet
240Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803_10 Datasheet
181Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com