Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF213AYQS Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF213AYQS
Description  3.3V, QwikRadio 315MHz Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF213AYQS Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF213AYQS Datasheet HTML 6Page - Micrel Semiconductor MICRF213AYQS Datasheet HTML 7Page - Micrel Semiconductor MICRF213AYQS Datasheet HTML 8Page - Micrel Semiconductor MICRF213AYQS Datasheet HTML 9Page - Micrel Semiconductor MICRF213AYQS Datasheet HTML 10Page - Micrel Semiconductor MICRF213AYQS Datasheet HTML 11Page - Micrel Semiconductor MICRF213AYQS Datasheet HTML 12Page - Micrel Semiconductor MICRF213AYQS Datasheet HTML 13Page - Micrel Semiconductor MICRF213AYQS Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Micrel, Inc.
MICRF213
May 2007
10
M9999-052307-A
(408) 944-0800
the top layer close to the REFOSC pins RO1 and
RO2. When care is not taken in the layout, and
crystals from other vendors are used, the oscillator
may take longer times to start as well as the time to
good data in the DO pin to show up. In some cases, if
the stray capacitance is too high (>20pF), the
oscillator may not start at all.
The crystal frequency is calculated by REFOSC = RF
Carrier/(32+(1.1/12)). The local oscillator is low side
injection (32 × 9.81563MHz = 314.1MHz), that is, its
frequency is below the RF carrier frequency and the
image frequency is below the LO frequency. Refer to
Figure 6. The product of the incoming RF signal and
local oscillator signal will yield the IF frequency, which
will then be demodulated by the detector of the
device.
fLO
f (MHz)
Image
Frequency
Desired
Signal
Figure 6. Low Side Injection Local Oscillator
REFOSC
(MHz)
Carrier
(MHz)
HIB Part Number
9.467411
303.825
SA-9.467411-F-10-H-30-30-X
9.81563
315
SA-9.815630-F-10-H-30-30-X
10.75045
345.0
SA-10.750450-F-10-H-30-30-X
Table 5. Crystal Frequency and Vendor Part Number
JP1 and JP2 are the bandwidth selection for the
demodulator bandwidth. To set it correctly, it is
necessary to know the shortest pulse width of the
encoded data sent in the transmitter. Reference the
example of the data profile, in the Figure 7, below:
Figure 7. Example of a Data Profile
PW2 is shorter than PW1, so PW2 should be used for
the
demodulator
bandwidth
calculation.
The
calculation is found by 0.65/shortest pulse width. After
this value is found, the setting should be done
according to Table 6. For example, if the pulse period
is 140µsec, 50% duty cycle, then the pulse width will
be 70µsec (PW = (140 µsec * 50%) / 100). So, a
bandwidth of 9.286kHz would be necessary (0.65 /
70µsec). However, if this data stream had a pulse
period with a 20% duty cycle, then the bandwidth
required would be 23.2kHz (0.65 / 28µsec), which
exceeds the maximum bandwidth of the demodulator
circuit. If one tries to exceed the maximum bandwidth,
the pulse would appear stretched or wider.
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
Shortest
Pulse
(usec)
Maximum
baud rate for
50% Duty
Cycle (hertz)
Short
Short
1180
551
908
Open
Short
2360
275
1815
Short
Open
4720
138
3631
Open
Open
9400
69
7230
Table 6. JP1 and JP2 Setting, 315MHz
Capacitors C6 and C4, Cth and Cagc capacitors
respectively, provide the time base reference for the
data pattern received. These capacitors are selected
according to data profile, pulse duty cycle, dead time
between two received data packets and if the data
pattern has or not a preamble. See Figure 7 for an
example of a data profile.
Other frequencies will have different demodulator
bandwidth limits, which are derived from the reference
oscillator frequency. Table 7 and Table 8, below,
show
the limits
for the
other two
most
used
frequencies.
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
Shortest
Pulse
(usec)
Maximum
baud rate for
50% Duty
Cycle (hertz)
Short
Short
1140
570
8770
Open
Short
2280
285
1754
Short
Open
4550
143
3500
Open
Open
9100
71
7000
Table 7. JP1 and JP2 Setting, 303.825MHz
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
Shortest
Pulse
(usec)
Maximum
baud rate for
50% Duty
Cycle (Hertz)
Short
Short
1290
504
992
Open
Short
2580
252
1985
Short
Open
5170
126
3977
Open
Open
10340
63
7954
Table 8. JP1 and JP2 Setting, 345.0MHz


Similar Part No. - MICRF213AYQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF213AYQS MICREL-MICRF213AYQS Datasheet
974Kb / 16P
   3.3V, QwikRadio짰 315MHz Receiver
More results

Similar Description - MICRF213AYQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF213 MICREL-MICRF213 Datasheet
974Kb / 16P
   3.3V, QwikRadio짰 315MHz Receiver
MICRF221 MICREL-MICRF221 Datasheet
1Mb / 26P
   3.3V, QwikRadio 850 MHz to 950 MHz Receiver
MICRF008 MICREL-MICRF008 Datasheet
115Kb / 12P
   QwikRadio??Sweep-Mode Receiver
MICRF008 MICREL-MICRF008_11 Datasheet
208Kb / 13P
   QwikRadio Sweep-Mode Receiver
MICRF009 MICREL-MICRF009 Datasheet
1Mb / 16P
   QwikRadio Low-Power UHF Receiver
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
   QwikRadio Low-Power UHF Receiver
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
   QwikRadio Low-Power UHF Receiver
MICRF002 MICREL-MICRF002_03 Datasheet
180Kb / 16P
   300-440MHz QwikRadio?줐SK Receiver
logo
Maxim Integrated Produc...
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com