Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR33MF51YSZF Datasheet(PDF) 10 Page - Sharp Corporation

Part # PR33MF51YSZF
Description  Non-Zero Cross type DIP 8pin Triac output SSR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR33MF51YSZF Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PR33MF51YSZF Datasheet HTML 6Page - Sharp Corporation PR33MF51YSZF Datasheet HTML 7Page - Sharp Corporation PR33MF51YSZF Datasheet HTML 8Page - Sharp Corporation PR33MF51YSZF Datasheet HTML 9Page - Sharp Corporation PR33MF51YSZF Datasheet HTML 10Page - Sharp Corporation PR33MF51YSZF Datasheet HTML 11Page - Sharp Corporation PR33MF51YSZF Datasheet HTML 12Page - Sharp Corporation PR33MF51YSZF Datasheet HTML 13Page - Sharp Corporation PR33MF51YSZF Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Sheet No.: D4-A03901EN
PR33MF51NSZF Series
■ Manufacturing Guidelines
● Soldering Method
Reflow Soldering :
Reflow soldering should follow the temperature profile shown below.
Soldering should not exceed the curve of temperature profile and time.
Please don't solder more than twice.
12
3
4
300
200
100
0
0
(˚C)
Terminal : 260˚C peak
(package surface : 250˚C peak)
Preheat
150 to 180˚C, 120s or less
Reflow
220˚C or more, 60s or less
(min)
Flow Soldering (No Solder bathing)
Flow soldering should be completed below 270˚C and within 10s.
Preheating is within the bounds of 100 to 150˚C and 30 to 80s.
Please don't solder more than twice.
Hand soldering
Hand soldering should be completed within 3s when the point of solder iron is below 400̊C.
Please don't solder more than twice.
Other notice
Please test the soldering method in actual condition and make sure the soldering works fine, since the im-
pact on the junction between the device and PCB varies depending on the tooling and soldering conditions.


Similar Part No. - PR33MF51YSZF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR33MF11NIPF SHARP-PR33MF11NIPF Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF11NSZ SHARP-PR33MF11NSZ Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF11NSZF SHARP-PR33MF11NSZF Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF11YIPF SHARP-PR33MF11YIPF Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF11YSZF SHARP-PR33MF11YSZF Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
More results

Similar Description - PR33MF51YSZF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR23MF11NSZ SHARP-PR23MF11NSZ Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
   Zero Cross type DIP 8pin Triac output SSR
PR3BMF51NSKF SHARP-PR3BMF51NSKF Datasheet
264Kb / 14P
   1.2A, Non-Zero Cross type DIP 8pin Triac output SSR
PR39MF51NSZ SHARP-PR39MF51NSZ Datasheet
275Kb / 14P
   Cost effective Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF11NSZ SHARP-PR36MF11NSZ Datasheet
317Kb / 15P
   IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR26MF11NIP SHARP-PR26MF11NIP Datasheet
317Kb / 15P
   IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
   IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PR31MA11NTZ SHARP-PR31MA11NTZ Datasheet
263Kb / 14P
   Non-Zero Cross type DIP 6pin SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com