Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR49MF11NIPF Datasheet(PDF) 10 Page - Sharp Corporation

Part # PR49MF11NIPF
Description  Non-Zero Cross type DIP 8pin Triac output SSR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR49MF11NIPF Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PR49MF11NIPF Datasheet HTML 6Page - Sharp Corporation PR49MF11NIPF Datasheet HTML 7Page - Sharp Corporation PR49MF11NIPF Datasheet HTML 8Page - Sharp Corporation PR49MF11NIPF Datasheet HTML 9Page - Sharp Corporation PR49MF11NIPF Datasheet HTML 10Page - Sharp Corporation PR49MF11NIPF Datasheet HTML 11Page - Sharp Corporation PR49MF11NIPF Datasheet HTML 12Page - Sharp Corporation PR49MF11NIPF Datasheet HTML 13Page - Sharp Corporation PR49MF11NIPF Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
PR29MF1xNSZ Series/PR39MF1xNSZ Series/PR49MF11NSZ Series
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
● Standard Circuit
Tr1
R1
D1
V1
+VCC
AC Line
Load
ZS
ZS : Surge absorption circuit (Snubber circuit)
SSR
8
2
3
6
Sheet No.: D4-A00601EN
● Recommended Foot Print (reference)
SMT Gullwing Lead-form
2.2
8.2
(Unit : mm)


Similar Part No. - PR49MF11NIPF

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
PR4 CML-PR4 Datasheet
222Kb / 1P
   B-6 Single Bayonet Base
logo
Welwyn Components Limit...
PR4 WELWYN-PR4 Datasheet
68Kb / 2P
   Precision Metal Film Resistors
logo
Visual Communications C...
PR4 VCC-PR4 Datasheet
26Kb / 1P
   Single Bayonet Base
logo
List of Unclassifed Man...
PR40 ETC2-PR40 Datasheet
480Kb / 3P
   40-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
logo
3M Electronics
PR40 3M-PR40 Datasheet
425Kb / 4P
   3M Scotch-Weld??Plastic and Rubber Instant Adhesives
More results

Similar Description - PR49MF11NIPF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR33MF51NSZF SHARP-PR33MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR23MF11NSZ SHARP-PR23MF11NSZ Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
   Zero Cross type DIP 8pin Triac output SSR
PR3BMF51NSKF SHARP-PR3BMF51NSKF Datasheet
264Kb / 14P
   1.2A, Non-Zero Cross type DIP 8pin Triac output SSR
PR39MF51NSZ SHARP-PR39MF51NSZ Datasheet
275Kb / 14P
   Cost effective Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF11NSZ SHARP-PR36MF11NSZ Datasheet
317Kb / 15P
   IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR26MF11NIP SHARP-PR26MF11NIP Datasheet
317Kb / 15P
   IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
   IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PR31MA11NTZ SHARP-PR31MA11NTZ Datasheet
263Kb / 14P
   Non-Zero Cross type DIP 6pin SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com