Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-010125-TC1113 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-010125-TC1113
Description  RF 1:1 Transmission Line Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-010125-TC1113 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MABA-010125-TC1113 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-010125-TC1113 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-010125-TC1113 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-010125-TC1113 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
RF 1:1 Transmission Line Transformer
4.5-3000 MHz
MABA-010125-TC1113
Rev. V4
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Tape & Reel Information
Ordering Information
Part Number
Package
MABA-010125-TC1113
Tape and Reel (2000 piece Reel)
Item
Dimension
Ao
4.00mm +/-0.1mm
Bo
4.00mm +/-0.1mm
Ko
2.9mm +/-0.1mm
W
12.00mm +/-0.3mm
P1
8.00mm +/-0.1mm
W
P1
DIRECTION OF FEED
Ao
Bo
Ko


Similar Part No. - MABA-010125-TC1113

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-010129 MA-COM-MABA-010129 Datasheet
635Kb / 2P
   Twelve different part numbers
MABA-010129-CT4A40 MA-COM-MABA-010129-CT4A40 Datasheet
168Kb / 4P
   Transformer, 1:4 Transmission Line Transformer
MABA-010129-CT4A40 MA-COM-MABA-010129-CT4A40 Datasheet
168Kb / 4P
   Transformer, 1:4 Transmission Line Transformer
MABA-010129-CT4A40 MA-COM-MABA-010129-CT4A40_15 Datasheet
168Kb / 4P
   Transformer, 1:4 Transmission Line Transformer
More results

Similar Description - MABA-010125-TC1113

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009822-715254 MA-COM-MABA-009822-715254_15 Datasheet
243Kb / 4P
   RF 1:1 Transmission Line Transformer
MABA-009822-715254 MA-COM-MABA-009822-715254 Datasheet
243Kb / 4P
   RF 1:1 Transmission Line Transformer
MABA-009822-715254 MA-COM-MABA-009822-715254 Datasheet
243Kb / 4P
   RF 1:1 Transmission Line Transformer
DS-MABA-010125-TC1113_V5 MA-COM-DS-MABA-010125-TC1113_V5 Datasheet
182Kb / 4P
   RF 1:1 Transmission Line Transformer
MABA-010247-2R1250 MA-COM-MABA-010247-2R1250_15 Datasheet
215Kb / 4P
   RF 1:2 Transmission Line Transformer
MABA-010247-2R1250-V3 MA-COM-MABA-010247-2R1250-V3 Datasheet
215Kb / 4P
   RF 1:2 Transmission Line Transformer
MABA-010247-2R1250 MA-COM-MABA-010247-2R1250 Datasheet
76Kb / 4P
   RF 1:2 Transmission Line Transformer
MABA-007159-000000 MA-COM-MABA-007159-000000 Datasheet
164Kb / 3P
   E-Series RF 1:1 Transmission Line Transformer
MABA-007159-000000_V4 MA-COM-MABA-007159-000000_V4 Datasheet
164Kb / 3P
   E-Series RF 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com