Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-009602-ES2922 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-009602-ES2922
Description  E-Series RF 1:1 Transformer with Tap
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-009602-ES2922 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MABA-009602-ES2922 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-009602-ES2922 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-009602-ES2922 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-009602-ES2922 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
E-Series RF 1:1 Transformer with Tap
50-1200 MHz
Rev. V2
MABA-009602-ES2922
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Tape & Reel Information
Ordering Information
Part Number
Package
MABA-009602-ES2922
Tape and Reel (2000 piece Reel)
Item
Dimension
Ao
4.10mm +/-0.1mm
Bo
6.50mm +/-0.1mm
Ko
4.0mm +/-0.1mm
W
16.00mm +/-0.3mm
P1
8.00mm +/-0.1mm


Similar Part No. - MABA-009602-ES2922

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009602-ES2922 MA-COM-MABA-009602-ES2922 Datasheet
182Kb / 4P
   E-Series RF 1:1 Transformer with Tap
MABA-009602-ES2922 MA-COM-MABA-009602-ES2922_15 Datasheet
182Kb / 4P
   E-Series RF 1:1 Transformer with Tap
More results

Similar Description - MABA-009602-ES2922

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009602-ES2922 MA-COM-MABA-009602-ES2922 Datasheet
182Kb / 4P
   E-Series RF 1:1 Transformer with Tap
MABA-009602-ES2922 MA-COM-MABA-009602-ES2922_15 Datasheet
182Kb / 4P
   E-Series RF 1:1 Transformer with Tap
MABAES0029 MA-COM-MABAES0029 Datasheet
135Kb / 2P
   E-Series RF 1:1 Transformer with tap
MABAES0029 MA-COM-MABAES0029 Datasheet
135Kb / 2P
   E-Series RF 1:1 Transformer with tap 50 - 1200 MHz
logo
Tyco Electronics
MABAES0029 MACOM-MABAES0029 Datasheet
103Kb / 2P
   E-Series RF 1:1 Transformer with tap 50 - 1200 MHz
logo
M/A-COM Technology Solu...
MABA-008979-CF0290 MA-COM-MABA-008979-CF0290 Datasheet
84Kb / 3P
   RF 1:1 Transformer with Tap
ETC1-1-6 MA-COM-ETC1-1-6 Datasheet
218Kb / 2P
   E-Series RF 1:1 Transformer
DS-ETC1-1T-5 MA-COM-DS-ETC1-1T-5 Datasheet
229Kb / 2P
   E-Series RF 1:1 Transformer
MABA-009126-ET11SM-V2 MA-COM-MABA-009126-ET11SM-V2 Datasheet
666Kb / 2P
   E-Series RF 1:1 Transformer
MABA-009487-60HWCA MA-COM-MABA-009487-60HWCA_15 Datasheet
578Kb / 4P
   E-Series Transformer, RF 1:1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com