Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC03-7N5K-RC Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # CC03-7N5K-RC
Description  Ceramic Core Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

CC03-7N5K-RC Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  CC03-7N5K-RC Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ceramic Core Chip Inductors
CC03
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
600
600
600
600
600
600
600
600
600
400
400
400
300
300
280
240
200
170
Rated
Current
(mA)
CC03-1N6K-RC
CC03-1N8K-RC
CC03-3N6K-RC
CC03-3N9K-RC
CC03-4N3K-RC
CC03-4N7K-RC
CC03-5N1K-RC
CC03-6N3K-RC
CC03-6N8K-RC
CC03-7N5K-RC
CC03-8N2K-RC
CC03-8N7J-RC
CC03-9N5J-RC
CC03-10NJ-RC
CC03-11NJ-RC
CC03-12NJ-RC
CC03-15NJ-RC
CC03-16NJ-RC
CC03-18NJ-RC
CC03-22NJ-RC
CC03-24NJ-RC
CC03-27NJ-RC
CC03-30NJ-RC
CC03-33NJ-RC
CC03-36NJ-RC
CC03-39NJ-RC
CC03-43NJ-RC
CC03-47NJ-RC
CC03-56NJ-RC
CC03-68NJ-RC
CC03-72NJ-RC
CC03-82NJ-RC
CC03-100NJ-RC
CC03-110NJ-RC
CC03-120NJ-RC
CC03-150NJ-RC
CC03-180NJ-RC
CC03-220NJ-RC
CC03-270NJ-RC
Allied
Part
Number
Inductance
(nh)
Tolerance
(%)
Q
Min.
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
1.6
1.8
3.6
3.9
4.3
4.7
5.1
6.3
6.8
7.5
8.2
8.7
9.5
10
11
12
15
16
18
22
24
27
30
33
36
39
43
47
56
68
72
82
100
110
120
150
180
220
270
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
200
200
200
150
150
150
150
150
150
100
100
100
24
16
22
22
22
20
20
20
27
28
28
28
28
31
33
35
35
34
35
38
37
40
37
40
38
40
39
38
38
37
34
34
34
32
32
28
25
25
24
12500
12500
5900
6900
5900
5800
5700
5700
5800
4800
4700
4600
5400
4800
4000
4000
4000
3300
3100
3000
2650
2800
2250
2300
2080
2200
2000
2000
1900
1700
1700
1700
1400
1350
1300
990
990
900
900
0.030
0.045
0.063
0.080
0.063
0.116
0.140
0.140
0.110
0.106
0.109
0.109
0.135
0.130
0.086
0.130
0.170
0.104
0.170
0.190
0.135
0.220
0.144
0.220
0.250
0.250
0.280
0.280
0.310
0.340
0.490
0.540
0.580
0.610
0.750
0.920
1.250
2.100
2.800
Test
Freq.
(MHz)
10
10
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.071
(1.80)
MAX.
0.044
(1.12)
MAX.
0.040
(1.02)
MAX.
0.015±0.004
(0.38±0.10)
0.030±0.004
(0.76±0.10)
0.007±0.002
(0.18±0.05)
0.025
(0.64)
0.040
(1.02)
0.025
(0.64)
Dimensions:
Inches
(mm)
700
CC03-5N6K-RC
5.6
250
20
5800
0.170
10
100
700
CC03-2N2K-RC
CC03-3N3K-RC
2.2
3.3
250
250
13
35
12500
5900
0.250
0.045
10
10
600
CC03-51NJ-RC
51
200
38
1900
0.310
5
400
CC03-91NJ-RC
91
150
34
1400
0.580
5
240
CC03-160NJ-RC
160
100
25
990
1.250
5
100
100
100
CC03-330NJ-RC
CC03-390NJ-RC
CC03-470NJ-RC
330
390
470
100
100
100
25
25
25
900
700
500
3.890
4.350
4.500
5
5
5
All specifications subject to change without notice.
Features
• 0603 size suitable for pick and place
• Ceramic core provide high self resonant
• High Q values at high frequencies
Electrical
Inductance Range: 1.6nH to 470nH
Tolerance:
5% over entire range, except 1.6nH
thru 8.2nH they are available in 10%
Test Frequency: At specified frequency with
Operating Temp: -40ºC ~ 125ºC
Irms: Based on 15ºC temperature rise @
Test Equipment
(L/Q): HP4286A / HP4287A /Agilent E4991A
Test Method: Reflow Solder the devide onto PCB
Physical
Packaging: 4000 pieces per 7 inch reel.
• Low Profile under 1.02mm
• Ceramic core also provides excellent thermal
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Total test time: 6 minutes
(SRF): HP8753D / Agilent E4991
(RDC): Chen Hwa 502BC
Irms: HP4284A + HP42841A / HP4285A +
Marking: Single Dot Color Code System
automation
frequency.
and batch consistency
Most values available in tighter tolerances
Test OSC @ 200mV
25º Ambient.
Peak Temp: 260ºC ± 5ºC for 10 sec.
HP42841A
REVISED 7/1/10
Also available in 5% = J and 2% = G


Similar Part No. - CC03-7N5K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CC03-7N5K-RC ALLIED-CC03-7N5K-RC Datasheet
395Kb / 1P
   Ceramic Core Chip Inductors
CC03-7N5K-RC ALLIED-CC03-7N5K-RC Datasheet
406Kb / 1P
   Ceramic Core Chip Inductors
More results

Similar Description - CC03-7N5K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CC02 ALLIED-CC02 Datasheet
575Kb / 2P
   Ceramic Core Chip Inductors
CC03 ALLIED-CC03 Datasheet
406Kb / 1P
   Ceramic Core Chip Inductors
CC05-2N8K-RC ALLIED-CC05-2N8K-RC Datasheet
392Kb / 1P
   Ceramic Core Chip Inductors
logo
BRIGHT LED ELECTRONICS ...
CC02-1N0K-RC BRIGHT-CC02-1N0K-RC_10 Datasheet
396Kb / 1P
   Ceramic Core Chip Inductors
logo
Allied Components Inter...
CC10 ALLIED-CC10 Datasheet
398Kb / 1P
   Ceramic Core Chip Inductors
logo
BRIGHT LED ELECTRONICS ...
CC05-2N8K-RC BRIGHT-CC05-2N8K-RC_10 Datasheet
399Kb / 1P
   Ceramic Core Chip Inductors
logo
Allied Components Inter...
CC02-1N0K-RC ALLIED-CC02-1N0K-RC Datasheet
393Kb / 1P
   Ceramic Core Chip Inductors
CC03-1N6K-RC ALLIED-CC03-1N6K-RC Datasheet
395Kb / 1P
   Ceramic Core Chip Inductors
CC10-10NK-RC ALLIED-CC10-10NK-RC Datasheet
393Kb / 1P
   Ceramic Core Chip Inductors
CC05 ALLIED-CC05 Datasheet
444Kb / 1P
   Ceramic Core Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com