Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2358 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2358
Description  IEEE 802.3af Octal Power Sourcing Equipment Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2358 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2358_11 Datasheet HTML 1Page - Micrel Semiconductor MIC2358_11 Datasheet HTML 2Page - Micrel Semiconductor MIC2358_11 Datasheet HTML 3Page - Micrel Semiconductor MIC2358_11 Datasheet HTML 4Page - Micrel Semiconductor MIC2358_11 Datasheet HTML 5Page - Micrel Semiconductor MIC2358_11 Datasheet HTML 6Page - Micrel Semiconductor MIC2358_11 Datasheet HTML 7Page - Micrel Semiconductor MIC2358_11 Datasheet HTML 8Page - Micrel Semiconductor MIC2358_11 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Micrel, Inc.
MIC2358YLQ
July 2010
4
M9999-070810
Pin Description
Pin Number
Pin Name
Pin Function
1
P1OUTPOS
Port 1 Positive 48V Terminal Input.
2
P1OUTNEG
Port 1 Negative 48V Terminal Input.
3
P1GATE
Port 1 Gate Drive Output: Connect this pin to the gate terminal of Port 1’s external power
FET.
4
P1SENSE
Port 1 Sense Input: Connect this pin the source terminal of Port 1’s external power FET.
5
P2OUTPOS
Port 2 Positive 48V Terminal Input.
6
P2OUTNEG
Port 2 Negative 48V Terminal Input.
7
P2GATE
Port 2 Gate Drive Output: Connect this pin to the gate terminal of Port 2’s external power
FET.
8
P2SENSE
Port 2 Sense Input: Connect this pin the source terminal of Port 2’s external power FET.
9
P3OUTPOS
Port 3 Positive 48V Terminal Input.
10
P3OUTNEG
Port 3 Negative 48V Terminal Input.
11
P3GATE
Port 3 Gate Drive Output: Connect this pin to the gate terminal of Port 3’s external power
FET.
12
P3SENSE
Port 3 Sense Input: Connect this pin the source terminal of Port 3’s external power FET.
13
P4OUTPOS
Port 4 Positive 48V Terminal Input.
14
P4OUTNEG
Port 4 Negative 48V Terminal Input.
15
P4GATE
Port 4 Gate Drive Output: Connect this pin to the gate terminal of Port 4’s external power
FET.
16
P4SENSE
Port 4 Sense Input: Connect this pin the source terminal of Port 4’s external power FET.
17
NC
No connection.
18
ENABLE_L
Autonomous mode select pin Input. When high, all ports are disabled on power up and can
only be enabled via SMBus interaction. When low, all ports are enabled on power up and
device operation will proceed without SMBus interaction necessary. Internally pulled up to
+5V by a 50kΩ resistor.
19
ALTB
Autonomous mode select pin Input. When high all ports will be configured for Alt B operation,
when low all ports will be configured for Alt A operation. Internally pulled up to +5V by a 50kΩ
resistor.
20
ICO
Autonomous mode select pin Input. When high, ports will not have power removed if its
current exceeds the class-dependent overload current, i.e. overload current will be equal to
Class 0 Level. Internally pulled up to +5V by a 50kΩ resistor.
21
ACMPS
Autonomous mode select pin Input. When high, AC Maintain Power Signature feature is
enabled. Internally pulled up to +5V by a 50kΩ resistor.
22
DCMPS
Autonomous mode select pin Input. When high, DC Maintain Power Signature feature is
enabled. Internally pulled up to +5V by a 50kΩ resistor.
23
5VS
+5V Supply Voltage: Applying a +5V supply relative to 48VRTN powers the MIC2358YLQ’s
internal digital circuits, state machines, and port control circuits.
24
NC
No connection.
25
DRTN
Digital Ground Return.
26
48VS
48V Power Supply Input: In a negative common application, applying a conditioned +48V
supply (+44V ≤ 48VS ≤ +60V) provides the supply voltage to power the MIC2358YLQ and all
eight ports. In a positive common application, apply system COM to this pin.
27
DRTN
Digital Ground Return.
28
ARTN
Analog Ground Return.
29
ARTN
Analog Ground Return.


Similar Part No. - MIC2358_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2358YLQ MICREL-MIC2358YLQ Datasheet
424Kb / 29P
   IEEE 802.3af Octal Power Sourcing Equipment Controller
MIC2358YLQYLQ MICREL-MIC2358YLQYLQ Datasheet
424Kb / 29P
   IEEE 802.3af Octal Power Sourcing Equipment Controller
MIC2358YLQYLQ MICREL-MIC2358YLQYLQ Datasheet
424Kb / 29P
   IEEE 802.3af Octal Power Sourcing Equipment Controller
More results

Similar Description - MIC2358_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2358YLQ MICREL-MIC2358YLQ Datasheet
424Kb / 29P
   IEEE 802.3af Octal Power Sourcing Equipment Controller
MIC2358 MICREL-MIC2358 Datasheet
424Kb / 29P
   IEEE 802.3af Octal Power Sourcing Equipment Controller
logo
Broadcom Corporation.
BCM5912X BOARDCOM-BCM5912X Datasheet
141Kb / 2P
   Octal Power Sourcing Equipment Controller
October 5, 2018
logo
International Rectifier
IRF4000 IRF-IRF4000 Datasheet
573Kb / 7P
   IEEE 802.3af Compliant PoE Switch in Power Sourcing Equipment
logo
Texas Instruments
TPS2383 TI-TPS2383 Datasheet
394Kb / 27P
[Old version datasheet]   OCTAL POWER SOURCING EQUIPMENT POWER MANAGER
TPS2376-H TI-TPS2376-H Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com