Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8721SLI Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # KSZ8721SLI
Description  3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8721SLI Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button KSZ8721SLI Datasheet HTML 4Page - Micrel Semiconductor KSZ8721SLI Datasheet HTML 5Page - Micrel Semiconductor KSZ8721SLI Datasheet HTML 6Page - Micrel Semiconductor KSZ8721SLI Datasheet HTML 7Page - Micrel Semiconductor KSZ8721SLI Datasheet HTML 8Page - Micrel Semiconductor KSZ8721SLI Datasheet HTML 9Page - Micrel Semiconductor KSZ8721SLI Datasheet HTML 10Page - Micrel Semiconductor KSZ8721SLI Datasheet HTML 11Page - Micrel Semiconductor KSZ8721SLI Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Micrel, Inc.
KS8721BL/SL
June 2009
8
M9999-062509-1.3
Pin Number
Pin Name
Type
(1)
Pin Function
24
VDDIO
P
Digital IO 2.5/3.3V tolerant power supply. 3.3V power input of voltage regulator.
See “Circuit Design Ref. for Power Supply” section for details.
25
INT#/
PHYAD0
Ipu/O
Management Interface (MII) Interrupt Out. Interrupt level set by Register 1f, bit 9.
During reset, latched as PHYAD[0]. See “Strapping Options” section for details.
26
LED0/
TEST
Ipu/O
Link/Activity LED Output. The external pull-down enable test mode and only used for
the factory test. Active low.
Link/Act
Pin State
LED Definition PHYAD0
No Link
H
“Off”
Link
L
“On”
Act
“Toggle”
27
LED1/
SPD100/
nFEF
Ipu/O
Speed LED Output. Latched as SPEED (Register 0, bit 13) during power-up/ reset. See
“Strapping Options” section for details. Active low.
Speed
Pin State
LED Definition
10BT
H
“Off”
100BT
L
“On”
28
LED2
Ipu/O
Full-duplex LED Output. Latched as DUPLEX (register 0h, bit 8) during power-up/ reset.
See “Strapping DUPLEX Options” section for details. Active low.
Duplex
Pin State
LED Definition
Half
H
“Off”
Full
L
“On”
29
LED3/
NWAYEN
Ipu/O
Collision LED Output. Latched as ANEG_EN (register 0h, bit 12) during power-up/
reset. See “Strapping Options” section for details.
Collision
Pin State
LED Definition
No Collision
H
“Off”
Collision
L
“On”
30
PD#
Ipu
Power Down. 1 = Normal operation, 0 = Power-down. Active low.
31
VDDRX
P
Analog 2.5V power supply. See “Circuit Design Ref. for Power Supply” section for
details.
32
RX-
I
Receive Input. Differential receive input pins for 100FX, 100BASE-TX, or 10BASE-T.
33
RX+
I
Receive Input: Differential receive input pin for 100FX, 100BASE-TX, or 10BASE-T.
34
FXSD/
FXEN
Ipd/O
Fiber Mode Enable / Signal Detect in Fiber Mode. If FXEN = 0, FX mode is disable. The
default is “0”. See “100BT FX Mode” section for more details.
35
GND
Gnd
Ground.
36
GND
Gnd
Ground.
37
REXT
I
External resistor (6.49kW ) connects to REXT and GND.
38
VDDRCV
P
Analog 2.5V power supply. 2.5V power output of voltage regulator. See “Circuit Design
Ref. for Power Supply” section for details.
39
GND
Gnd
Ground.
40
TX-
O
Transmit Outputs: Differential transmit output for 100FX, 100BASE-TX, or 10BASE-T.
41
TX+
O
Transmit Outputs: Differential transmit output for 100FX, 100BASE-TX, or 10BASE-T.
42
VDDTX
P
Transmitter 2.5V power supply. See “Circuit Design Ref. for Power Supply” section for
details.
43
GND
Gnd
Ground.


Similar Part No. - KSZ8721SLI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8721SLI MICROCHIP-KSZ8721SLI Datasheet
572Kb / 44P
   3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
KSZ8721SLI-TR MICROCHIP-KSZ8721SLI-TR Datasheet
572Kb / 44P
   3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
More results

Similar Description - KSZ8721SLI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
logo
Microchip Technology
KSZ8721BL MICROCHIP-KSZ8721BL Datasheet
572Kb / 44P
   3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
logo
Micrel Semiconductor
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8001SL MICREL-KSZ8001SL Datasheet
561Kb / 46P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
   Physical Layer Transceiver 10/100BASE-T/TX/FX
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KS8721B MICREL-KS8721B Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com