Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8721SL Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # KS8721SL
Description  3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8721SL Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button KS8721SL Datasheet HTML 3Page - Micrel Semiconductor KS8721SL Datasheet HTML 4Page - Micrel Semiconductor KS8721SL Datasheet HTML 5Page - Micrel Semiconductor KS8721SL Datasheet HTML 6Page - Micrel Semiconductor KS8721SL Datasheet HTML 7Page - Micrel Semiconductor KS8721SL Datasheet HTML 8Page - Micrel Semiconductor KS8721SL Datasheet HTML 9Page - Micrel Semiconductor KS8721SL Datasheet HTML 10Page - Micrel Semiconductor KS8721SL Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Micrel, Inc.
KS8721BL/SL
June 2009
7
M9999-062509-1.3
Pin Description
Pin Number
Pin Name
Type
(1)
Pin Function
1
MDIO
I/O
Management Independent Interface (MII) Data I/O. This pin requires an external 4.7K
pull-up resistor.
2
MDC
I
MII Clock Input. This pin is synchronous to the MDIO.
3
RXD3/
PHYAD
Ipd/O
MII Receive Data Output. RXD [3..0], these bits are synchronous with RXCLK.
When RXDV is asserted, RXD [3..0] presents valid data to MAC through the MII.
RXD [3..0] is invalid when RXDV is de-asserted.
During reset, the pull-up/pull-down value is latched as PHYADDR [1]. See “Strapping
Options” section for details.
4
RXD2/
PHYAD2
Ipd/O
MII Receive Data Output.
During reset, the pull-up/pull-down value is latched as PHYADDR[2]. See “Strapping
Options” section for details.
5
RXD1/
PHYAD3
Ipd/O
MII Receive Data Output.
During reset, the pull-up/pull-down value is latched as PHYADDR[3]. See “Strapping
Options” section for details.
6
RXD0/
PHYAD4
Ipd/O
MII Receive Data Output.
During reset, the pull-up/pull-down value is latched as PHYADDR[4]. See “Strapping
Options” section for details.
7
VDDIO
P
Digital IO 2.5 /3.3V tolerant power supply. 3.3V power Input of voltage regulator. See
“Circuit Design Ref. for Power Supply" section for details.
8
GND
Gnd
Ground.
9
RXDV/
CRSDV/
PCS_LPBK
Ipd/O
MII Receive Data Valid Output.
During reset, the pull-up/pull-down value is latched as PCS_LPBK. See “Strapping
Options” section for details.
10
RXC
O
MII Receive Clock Output. Operating at 25MHz = 100Mbps, 2.5MHz = 10Mbps.
11
RXER/ISO
Ipd/O
MII Receive Error Output.
During reset, the pull-up/pull-down value is latched as ISOLATE during reset. See
“Strapping Options” section for details.
12
GND
Gnd
Ground.
13
VDDC
P
Digital core 2.5V only power supply. See “Circuit Design Ref. for Power Supply" section
for details.
14
TXER
Ipd
MII Transmit Error Input.
15
TXC/
REFCLK
I/O
MII Transmit Clock Output.
Input for crystal or an external 50MHz clock. When REFCLK pin is used for REF clock
interface, pull up XI to VDDPLL 2.5V via 10kΩ resistor and leave XO pin unconnected.
16
TXEN
Ipd
MII Transmit Enable Input.
17
TXD0
Ipd
MII Transmit Data Input.
18
TXD1
Ipd
MII Transmit Data Input.
19
TXD2
Ipd
MII Transmit Data Input.
20
TXD3
Ipd
MII Transmit Data Input.
21
COL/
RMII
Ipd/O
MII Collision Detect Output.
During reset, the pull-up/pull-down value is latched as RMII select. See “Strapping
Options” section for details.
22
CRS/
RMII_BTB
Ipd/O
MII Carrier Sense Output.
During reset, the pull-up/pull-down value is latched as RMII back-to-back mode when
RMII mode is selected. See “Strapping Options” section for details.
23
GND
Gnd
Ground.


Similar Part No. - KS8721SL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721SL MICREL-KS8721SL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
KS8721SL MICREL-KS8721SL Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721SLI MICREL-KS8721SLI Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
More results

Similar Description - KS8721SL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
logo
Microchip Technology
KSZ8721BL MICROCHIP-KSZ8721BL Datasheet
572Kb / 44P
   3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
logo
Micrel Semiconductor
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8001SL MICREL-KSZ8001SL Datasheet
561Kb / 46P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
   Physical Layer Transceiver 10/100BASE-T/TX/FX
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KS8721B MICREL-KS8721B Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com