Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8721CL Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # KS8721CL
Description  3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8721CL Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button KS8721CL Datasheet HTML 7Page - Micrel Semiconductor KS8721CL Datasheet HTML 8Page - Micrel Semiconductor KS8721CL Datasheet HTML 9Page - Micrel Semiconductor KS8721CL Datasheet HTML 10Page - Micrel Semiconductor KS8721CL Datasheet HTML 11Page - Micrel Semiconductor KS8721CL Datasheet HTML 12Page - Micrel Semiconductor KS8721CL Datasheet HTML 13Page - Micrel Semiconductor KS8721CL Datasheet HTML 14Page - Micrel Semiconductor KS8721CL Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
April 2005
11
M9999-041405
KS8721CL
Micrel, Inc.
Introduction
100BASE-TX Transmit
The 100BASE-TX transmit function performs parallel-to-serial conversion, NRZ-to-NRZI conversion, and MLT-3 encoding and
transmission. The circuitry starts with a parallel to serial conversion that converts the 25MHz, 4-bit nibbles into a 125MHz serial
bit stream. The incoming data is clocked in at the positive edge of the TXC signal. The serialized data is further converted from
NRZ-to-NRZI format, and then transmitted in MLT3 current output. The output current is set by an external 1% 6.49kΩ resistor
for the 1:1 transformer ratio. Its typical rise/fall time of 4ns complies with the ANSI TP-PMD standard regarding amplitude
balance, overshoot, and timing jitter. The wave-shaped 10BASE-T output driver is also incorporated into the 100BASE-TX
driver.
100BASE-TX Receive
The 100BASE-TX receive function performs adaptive equalization, DC restoration, MLT-3 to-NRZI conversion, data and clock
recovery, NRZI-to-NRZ conversion, and serial-to-parallel conversion. The receiving side starts with the equalization filter to
compensate for inter-symbol interference (ISI) over the twisted pair cable. Since the amplitude loss and phase distortion are
a function of the length of the cable, the equalizer has to adjust its characteristic to optimize performance. In this design, the
variable equalizer makes an initial estimation based on comparisons of incoming signal strength against some known cable
characteristics. It then tunes itself for optimization. This is an ongoing process and can self-adjust for environmental changes
such as temperature variations.
The equalized signal then goes through a DC restoration and data conversion block. The DC restoration circuit is used to
compensate for the effects of base line wander and improve dynamic range. The differential data conversion circuit converts
the MLT3 format back to NRZI. The slicing threshold is also adaptive.
The clock recovery circuit extracts the 125MHz clock from the edges of the NRZI signal. This recovered clock is then used
to convert the NRZI signal into the NRZ format. Finally, the NRZ serial data is converted to 4-bit parallel 4B nibbles. A
synchronized 25MHz RXC is generated so that the 4B nibbles are clocked out at the negative edge of RCK25 and is valid for
the receiver at the positive edge. When no valid data is present, the clock recovery circuit is locked to the 25MHz reference
clock and both TXC and RXC clocks continue to run.
PLL Clock Synthesizer
The KS8721CL generates 125MHz, 25MHz, and 20MHz clocks for system timing. An internal crystal oscillator circuit provides
the reference clock for the synthesizer.
Scrambler/De-scrambler (100BASE-TX only)
The purpose of the scrambler is to spread the power spectrum of the signal in order to reduce electromagnetic interference
(EMI) and baseline wander.
10BASE-T Transmit
When TXEN (transmit enable) goes high, data encoding and transmission begins. The KS8721CL continues to encode and
transmit data as long as TXEN remains high. The data transmission ends when TXEN goes low. The last transition occurs at
the boundary of the bit cell if the last bit is zero, or at the center of the bit cell if the last bit is one. The output driver is incorporated
into the 100BASE-T driver to allow transmission with the same magnetics. They are internally wave-shaped and pre-
emphasized into outputs with a typical 2.5V amplitude. The harmonic contents are at least 27dB below the fundamental when
driven by an all-ones, Manchester-encoded signal.
10BASE-T Receive
On the receive side, input buffer and level detecting squelch circuits are employed. A differential input receiver circuit and a
PLL performs the decoding function. The Manchester-encoded data stream is separated into clock signal and NRZ data. A
squelch circuit rejects signals with levels less than 300mV or with short pulse widths in order to prevent noise at the RX+ or
RX- input from falsely triggering the decoder. When the input exceeds the squelch limit, the PLL locks onto the incoming signal
and the KS8721CL decodes a data frame. This activates the carrier sense (CRS) and RXDV signals and makes the receive
data (RXD) available. The receive clock is maintained active during idle periods in between data reception.
SQE and Jabber Function (10BASE-T only)
In 10BASE-T operation, a short pulse is put out on the COL pin after each packet is transmitted. This is required as a test of
the 10BASE-T transmit/receive path and is called an SQE test. The 10BASE-T transmitter is disabled and COL goes high if
TXEN is high for more than 20ms (Jabbering). If TXEN then goes low for more than 250ms, the 10BASE-T transmitter is re-
enabled and COL goes low.
Auto-Negotiation
The KS8721CL performs auto-negotiation by hardware strapping option (pin 29) or software (Register 0.12). It automatically
chooses its mode of operation by advertising its abilities and comparing them with those received from its link partner whenever


Similar Part No. - KS8721CL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721B MICREL-KS8721B Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721B MICREL-KS8721B Datasheet
2Mb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721BI MICREL-KS8721BI Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
KS8721BL MICREL-KS8721BL Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
More results

Similar Description - KS8721CL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
logo
Microchip Technology
KSZ8721BL MICROCHIP-KSZ8721BL Datasheet
572Kb / 44P
   3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
logo
Micrel Semiconductor
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8001SL MICREL-KSZ8001SL Datasheet
561Kb / 46P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
   Physical Layer Transceiver 10/100BASE-T/TX/FX
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KS8721B MICREL-KS8721B Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com