Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8721B Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # KS8721B
Description  2.5V 10/100BasTX/FX MII Physical Layer Transceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8721B Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button KS8721B Datasheet HTML 3Page - Micrel Semiconductor KS8721B Datasheet HTML 4Page - Micrel Semiconductor KS8721B Datasheet HTML 5Page - Micrel Semiconductor KS8721B Datasheet HTML 6Page - Micrel Semiconductor KS8721B Datasheet HTML 7Page - Micrel Semiconductor KS8721B Datasheet HTML 8Page - Micrel Semiconductor KS8721B Datasheet HTML 9Page - Micrel Semiconductor KS8721B Datasheet HTML 10Page - Micrel Semiconductor KS8721B Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
March 2006
7
M9999-030106
KS8721B/BT
Micrel, Inc.
Pin Number
Pin Name
Type(Note 1) Pin Function
25
INT#/
Ipu/O
Management Interface (MII) Interrupt Out: Latched as PHYAD[0] during power up
PHYAD0
/reset. See “Strapping Options” section for details.
“Strapping Options”
“Strapping Options”
22
CRS/
Ipd/O
MII Carrier Sense Output: The pull-up/pull-down value is latched as RMII BTB
RMII_BTB
during reset when RMII mode is selected. See “Strapping Options” section
“Strapping Options”
“Strapping Options”
for details.
23
GND
GND
Ground.
26
LED0/TEST
Ipu/O
Link/Activity LED Output:
Lnk/Act
Pin State
LED Definition
No Link
H
“off”
Link
L
“on”
Act
“Toggle”
The external pull-down enable test mode and only used for the factory test.
27
LED1/
Ipu/O
Speed LED Output: Latched as SPEED (Register 0, bit 13) during power-up/reset.
SPD100/
See “Strapping Options” section for details.
“Strapping Options”
“Strapping Options”
noFEF
Speed
Pin State
LED Definition
10BT
H
“off”
100BT
L
“on”
28
LED2/
Ipu/O
Full-duplex LED Output: Latched as DUPLEX (register 0h, bit 8) during power-up/
DUPLEX
reset. See “Strapping Options” section for details.
“Strapping Options”
“Strapping Options”
Duplex
Pin State
LED Definition
Half
H
“off”
Full
L
“on”
29
LED3/
Ipu/O
Collision LED Output: Latched as ANEG_EN (register 0h, bit 12) during power-up/
NWAYEN
reset. See “Strapping Options” section for details.
“Strapping Options”
“Strapping Options”
Collison
Pin State
LED Definition
No Collision
H
“off”
Collision
L
“on”
30
PD#
Ipu
Power Down. 1 = Normal operation, 0=Power down, Active low.
31
VDDRX
Pwr
Analog 2.5V power supply.
32
RX-
I
Receive Input: Differential receive input pins for FX, 100BaseTX or 10BaseT.
33
RX+
I
Receive Input: Differential receive input pin for FX, 100BaseTX or 10BaseT.
34
FXSD/FXEN
Ipd/O
Fiber Mode Enable / Signal Detect in Fiber Mode. If FXEN = 0, FX mode is
disable. The default is “0”. See “100BT FX Mode” section for more details.
“100BT FX Mode”
“100BT FX Mode”
35
GND
GND
Ground.
36
GND
GND
Ground.
Note 1. Pwr = power supply
GND = ground
I = input
O = output
I/O = bi-directional
Ipu = input w/ internal pull-up
Ipd = input w/ internal pull-down
Ipd/O = input w/ internal pull-down during reset, output pin otherwise
Ipu/O = input w/ internal pull-up during reset, output pin otherwise
PU = strap pin pull-up
PD = strap pin pull-down
NC = No connect
25
INT#/
Ipu/O
Management Interface (MII) Interrupt Out: Latched as PHYAD[0] during power up
PHYAD0
/reset. See
22
CRS/
Ipd/O
MII Carrier Sense Output: The pull-up/pull-down value is latched as RMII BTB
RMII_BTB
during reset when RMII mode is selected. See
for details.
23
GND
GND
Ground.
26
LED0/TEST
Ipu/O
Link/Activity LED Output:
Lnk/Act
Pin State
LED Definition
No Link
H
“off”
Link
L
“on”
Act
“Toggle”
The external pull-down enable test mode and only used for the factory test.
27
LED1/
Ipu/O
Speed LED Output: Latched as SPEED (Register 0, bit 13) during power-up/reset.
SPD100/
See
noFEF
Speed
Pin State
LED Definition
10BT
H
“off”
100BT
L
“on”
28
LED2/
Ipu/O
Full-duplex LED Output: Latched as DUPLEX (register 0h, bit 8) during power-up/
DUPLEX
reset. See
Half
H
“off”
Full
L
“on”
29
LED3/
Ipu/O
Collision LED Output: Latched as ANEG_EN (register 0h, bit 12) during power-up/
NWAYEN
reset. See
No Collision
H
“off”
Collision
L
“on”
30
PD#
Ipu
Power Down. 1 = Normal operation, 0=Power down, Active low.
31
VDDRX
Pwr
Analog 2.5V power supply.
32
RX-
I
Receive Input: Differential receive input pins for FX, 100BaseTX or 10BaseT.
33
RX+
I
Receive Input: Differential receive input pin for FX, 100BaseTX or 10BaseT.
34
FXSD/FXEN
Ipd/O
Fiber Mode Enable / Signal Detect in Fiber Mode. If FXEN = 0, FX mode is
disable. The default is “0”. See
35
GND
GND
Ground.
36
GND
GND
Ground.
Pin Number
Pin Name
Type
25
INT#/
Ipu/O
Management Interface (MII) Interrupt Out: Latched as PHYAD[0] during power up
PHYAD0
/reset. See
22
CRS/
Ipd/O
MII Carrier Sense Output: The pull-up/pull-down value is latched as RMII BTB
RMII_BTB
during reset when RMII mode is selected. See
for details.
23
GND
GND
Ground.
26
LED0/TEST
Ipu/O
Link/Activity LED Output:
Lnk/Act
Pin State
LED Definition
No Link
H
“off”
Link
L
“on”
Act
“Toggle”
The external pull-down enable test mode and only used for the factory test.
27
LED1/
Ipu/O
Speed LED Output: Latched as SPEED (Register 0, bit 13) during power-up/reset.
SPD100/
See
noFEF
Speed
Pin State
LED Definition
10BT
H
“off”
100BT
L
“on”
28
LED2/
Ipu/O
Full-duplex LED Output: Latched as DUPLEX (register 0h, bit 8) during power-up/
DUPLEX
reset. See
Half
H
“off”
Full
L
“on”
29
LED3/
Ipu/O
Collision LED Output: Latched as ANEG_EN (register 0h, bit 12) during power-up/
NWAYEN
reset. See
No Collision
H
“off”
Collision
L
“on”
30
PD#
Ipu
Power Down. 1 = Normal operation, 0=Power down, Active low.
31
VDDRX
Pwr
Analog 2.5V power supply.
32
RX-
I
Receive Input: Differential receive input pins for FX, 100BaseTX or 10BaseT.
33
RX+
I
Receive Input: Differential receive input pin for FX, 100BaseTX or 10BaseT.
34
FXSD/FXEN
Ipd/O
Fiber Mode Enable / Signal Detect in Fiber Mode. If FXEN = 0, FX mode is
disable. The default is “0”. See
35
GND
GND
Ground.
36
GND
GND
Ground.
Pin Number
Pin Name
Type
25
INT#/
Ipu/O
Management Interface (MII) Interrupt Out: Latched as PHYAD[0] during power up
PHYAD0
/reset. See
22
CRS/
Ipd/O
MII Carrier Sense Output: The pull-up/pull-down value is latched as RMII BTB
RMII_BTB
during reset when RMII mode is selected. See
for details.
23
GND
GND
Ground.
26
LED0/TEST
Ipu/O
Link/Activity LED Output:
Lnk/Act
Pin State
LED Definition
No Link
H
“off”
Link
L
“on”
Act
“Toggle”
The external pull-down enable test mode and only used for the factory test.
27
LED1/
Ipu/O
Speed LED Output: Latched as SPEED (Register 0, bit 13) during power-up/reset.
SPD100/
See
noFEF
Speed
Pin State
LED Definition
10BT
H
“off”
100BT
L
“on”
28
LED2/
Ipu/O
Full-duplex LED Output: Latched as DUPLEX (register 0h, bit 8) during power-up/
DUPLEX
reset. See
Half
H
“off”
Full
L
“on”
29
LED3/
Ipu/O
Collision LED Output: Latched as ANEG_EN (register 0h, bit 12) during power-up/
NWAYEN
reset. See
No Collision
H
“off”
Collision
L
“on”
30
PD#
Ipu
Power Down. 1 = Normal operation, 0=Power down, Active low.
31
VDDRX
Pwr
Analog 2.5V power supply.
32
RX-
I
Receive Input: Differential receive input pins for FX, 100BaseTX or 10BaseT.
33
RX+
I
Receive Input: Differential receive input pin for FX, 100BaseTX or 10BaseT.
34
FXSD/FXEN
Ipd/O
Fiber Mode Enable / Signal Detect in Fiber Mode. If FXEN = 0, FX mode is
disable. The default is “0”. See
35
GND
GND
Ground.
36
GND
GND
Ground.
Pin Function
25
INT#/
Ipu/O
Management Interface (MII) Interrupt Out: Latched as PHYAD[0] during power up
PHYAD0
/reset. See
22
CRS/
Ipd/O
MII Carrier Sense Output: The pull-up/pull-down value is latched as RMII BTB
RMII_BTB
during reset when RMII mode is selected. See
for details.
23
GND
GND
Ground.
26
LED0/TEST
Ipu/O
Link/Activity LED Output:
Lnk/Act
Pin State
LED Definition
No Link
H
“off”
Link
L
“on”
Act
“Toggle”
The external pull-down enable test mode and only used for the factory test.
27
LED1/
Ipu/O
Speed LED Output: Latched as SPEED (Register 0, bit 13) during power-up/reset.
SPD100/
See
Speed
Pin State
LED Definition
10BT
H
“off”
100BT
L
“on”
28
LED2/
Ipu/O
Full-duplex LED Output: Latched as DUPLEX (register 0h, bit 8) during power-up/
DUPLEX
reset. See
Half
H
“off”
Full
L
“on”
29
LED3/
Ipu/O
Collision LED Output: Latched as ANEG_EN (register 0h, bit 12) during power-up/
NWAYEN
reset. See
No Collision
H
“off”
Collision
L
“on”
30
PD#
Ipu
Power Down. 1 = Normal operation, 0=Power down, Active low.
31
VDDRX
Pwr
Analog 2.5V power supply.
32
RX-
I
Receive Input: Differential receive input pins for FX, 100BaseTX or 10BaseT.
33
RX+
I
Receive Input: Differential receive input pin for FX, 100BaseTX or 10BaseT.
34
FXSD/FXEN
Ipd/O
Fiber Mode Enable / Signal Detect in Fiber Mode. If FXEN = 0, FX mode is
disable. The default is “0”. See
35
GND
GND
Ground.
36
GND
GND
Ground.
Lnk/Act
Pin State
LED Definition
No Link
H
“off”
Link
L
“on”
Act
“Toggle”
Lnk/Act
Pin State
LED Definition
No Link
H
“off”
Link
L
“on”
Act
“Toggle”
Speed
Pin State
LED Definition
10BT
H
“off”
100BT
L
“on”
Speed
Pin State
LED Definition
10BT
H
“off”
100BT
L
“on”
Duplex
Pin State
LED Definition
Half
H
“off”
Full
L
“on”
Duplex
Pin State
LED Definition
Half
H
“off”
Full
L
“on”
Collison
Pin State
LED Definition
No Collision
H
“off”
Collision
L
“on”
Collison
Pin State
LED Definition
No Collision
H
“off”
Collision
L
“on”


Similar Part No. - KS8721B

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721B MICREL-KS8721B Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721BI MICREL-KS8721BI Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
KS8721BL MICREL-KS8721BL Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
More results

Similar Description - KS8721B

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721B MICREL-KS8721B Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
logo
Microchip Technology
KSZ8721BL MICROCHIP-KSZ8721BL Datasheet
572Kb / 44P
   3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
logo
Micrel Semiconductor
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
   Physical Layer Transceiver 10/100BASE-T/TX/FX
KS8001 MICREL-KS8001 Datasheet
623Kb / 44P
   1.8V, 3.3V 10/100BASETX/FX Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
logo
Microchip Technology
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
logo
Micrel Semiconductor
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com