Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8721B Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # KS8721B
Description  2.5V 10/100BasTX/FX MII Physical Layer Transceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8721B Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button KS8721B_11 Datasheet HTML 2Page - Micrel Semiconductor KS8721B_11 Datasheet HTML 3Page - Micrel Semiconductor KS8721B_11 Datasheet HTML 4Page - Micrel Semiconductor KS8721B_11 Datasheet HTML 5Page - Micrel Semiconductor KS8721B_11 Datasheet HTML 6Page - Micrel Semiconductor KS8721B_11 Datasheet HTML 7Page - Micrel Semiconductor KS8721B_11 Datasheet HTML 8Page - Micrel Semiconductor KS8721B_11 Datasheet HTML 9Page - Micrel Semiconductor KS8721B_11 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
KS8721B/BT
Micrel, Inc.
M9999-030106
6
March 2006
Pin Description
Pin Number
Pin Name
Type(Note 1)
(Note 1)
Pin Function
1
MDIO
I/O
Management Interface (MII) Data I/O: This pin requires an external 4.7K pull-up
resistor.
2
MDC
I
Management Interface (MII) Clock Input: This pin is synchronous to the MDIO
data interface
3
RXD3/
Ipd/O
MII Receive Data Output: RXD [3..0], these bits are synchronous with RXCLK.
PHYAD1
When RXDV is asserted, RXD [3..0] presents valid data to MAC through the MII.
RXD [3..0] is invalid when RXDV is de-asserted. The pull-up/pull-down value is
latched as PHYADDR [1] during reset. See “Strapping Options” section for
“Strapping Options”
“Strapping Options”
details.
4
RXD2/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [2]
PHYAD2
during reset. See “Strapping Options” section for details.
“Strapping Options”
“Strapping Options”
5
RXD1/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [3]
PHYAD3
during reset. See “Strapping Options” section for details.
“Strapping Options”
“Strapping Options”
6
RXD0/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [4]
PHYAD4
during reset. See “Strapping Options” section for details.
“Strapping Options”
“Strapping Options”
7
VDDIO
Pwr
Digital IO 2.5 /3.3V tolerance power supply.
8
GND
GND
Ground.
9
RXDV/
Ipd/O
MII Receive Data Valid Output: The pull-up/pull-down value is latched as
CRSDV/
pcs_lpbk during reset. See “Strapping Options” section for details.
“Strapping Options”
“Strapping Options”
PCS_LPBK
10
RXC
O
MII Receive Clock Output: Operating at 25MHz = 100Mbps, 2.5MHz = 10Mbps.
11
RXER/ISO
Ipd/O
MII Receive Error Output: The pull-up/pull-down value is latched as ISOLATE
during reset. See “Strapping Options” section for details.
“Strapping Options”
“Strapping Options”
12
GND
GND
Ground.
13
VDDC
Pwr
Digital core 2.5V only power supply.
14
TXER
Ipd
MII Transmit Error Input.
15
TXC/
Ipu/O
MII Transmit Clock Output: RMII Reference Clock Input.
REFCLK
16
TXEN
Ipd
MII Transmit Enable Input
17
TXD0
Ipd
MII Transmit Data Input
18
TXD1
Ipd
MII Transmit Data Input
19
TXD2
Ipd
MII Transmit Data Input
20
TXD3
Ipd
MII Transmit Data Input
21
COL/RMII
Ipd/O
MII Collision Detect Output: The pull-up/pull-down value is latched as RMII select
during reset. See “Strapping Options” section for details.
“Strapping Options”
“Strapping Options”
24
VDDIO
Pwr
Digital IO 2.5/3.3V tolerance power supply.
Note 1. Pwr = power supply
GND = ground
I = input
O = output
I/O = bi-directional
Gnd = ground
Ipu = input w/ internal pull-up
Ipd = input w/ internal pull-down
Ipd/O = input w/ internal pull-down during reset, output pin otherwise
Ipu/O = input w/ internal pull-up during reset, output pin otherwise
PU = strap pin pull-up
PD = strap pin pull-down
NC = No connect
1
MDIO
I/O
Management Interface (MII) Data I/O: This pin requires an external 4.7K pull-up
resistor.
2
MDC
I
Management Interface (MII) Clock Input: This pin is synchronous to the MDIO
data interface
3
RXD3/
Ipd/O
MII Receive Data Output: RXD [3..0], these bits are synchronous with RXCLK.
PHYAD1
When RXDV is asserted, RXD [3..0] presents valid data to MAC through the MII.
RXD [3..0] is invalid when RXDV is de-asserted. The pull-up/pull-down value is
latched as PHYADDR [1] during reset. See
details.
4
RXD2/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [2]
PHYAD2
during reset. See
5
RXD1/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [3]
PHYAD3
during reset. See
6
RXD0/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [4]
PHYAD4
during reset. See
7
VDDIO
Pwr
Digital IO 2.5 /3.3V tolerance power supply.
8
GND
GND
Ground.
9
RXDV/
Ipd/O
MII Receive Data Valid Output: The pull-up/pull-down value is latched as
CRSDV/
pcs_lpbk during reset. See
PCS_LPBK
10
RXC
O
MII Receive Clock Output: Operating at 25MHz = 100Mbps, 2.5MHz = 10Mbps.
11
RXER/ISO
Ipd/O
MII Receive Error Output: The pull-up/pull-down value is latched as ISOLATE
during reset. See
12
GND
GND
Ground.
13
VDDC
Pwr
Digital core 2.5V only power supply.
14
TXER
Ipd
MII Transmit Error Input.
15
TXC/
Ipu/O
MII Transmit Clock Output: RMII Reference Clock Input.
REFCLK
16
TXEN
Ipd
MII Transmit Enable Input
17
TXD0
Ipd
MII Transmit Data Input
18
TXD1
Ipd
MII Transmit Data Input
19
TXD2
Ipd
MII Transmit Data Input
20
TXD3
Ipd
MII Transmit Data Input
21
COL/RMII
Ipd/O
MII Collision Detect Output: The pull-up/pull-down value is latched as RMII select
during reset. See
24
VDDIO
Pwr
Digital IO 2.5/3.3V tolerance power supply.
Pin Number
Pin Name
Type
1
MDIO
I/O
Management Interface (MII) Data I/O: This pin requires an external 4.7K pull-up
resistor.
2
MDC
I
Management Interface (MII) Clock Input: This pin is synchronous to the MDIO
data interface
3
RXD3/
Ipd/O
MII Receive Data Output: RXD [3..0], these bits are synchronous with RXCLK.
PHYAD1
When RXDV is asserted, RXD [3..0] presents valid data to MAC through the MII.
RXD [3..0] is invalid when RXDV is de-asserted. The pull-up/pull-down value is
latched as PHYADDR [1] during reset. See
details.
4
RXD2/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [2]
PHYAD2
during reset. See
5
RXD1/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [3]
PHYAD3
during reset. See
6
RXD0/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [4]
PHYAD4
during reset. See
7
VDDIO
Pwr
Digital IO 2.5 /3.3V tolerance power supply.
8
GND
GND
Ground.
9
RXDV/
Ipd/O
MII Receive Data Valid Output: The pull-up/pull-down value is latched as
CRSDV/
pcs_lpbk during reset. See
PCS_LPBK
10
RXC
O
MII Receive Clock Output: Operating at 25MHz = 100Mbps, 2.5MHz = 10Mbps.
11
RXER/ISO
Ipd/O
MII Receive Error Output: The pull-up/pull-down value is latched as ISOLATE
during reset. See
12
GND
GND
Ground.
13
VDDC
Pwr
Digital core 2.5V only power supply.
14
TXER
Ipd
MII Transmit Error Input.
15
TXC/
Ipu/O
MII Transmit Clock Output: RMII Reference Clock Input.
REFCLK
16
TXEN
Ipd
MII Transmit Enable Input
17
TXD0
Ipd
MII Transmit Data Input
18
TXD1
Ipd
MII Transmit Data Input
19
TXD2
Ipd
MII Transmit Data Input
20
TXD3
Ipd
MII Transmit Data Input
21
COL/RMII
Ipd/O
MII Collision Detect Output: The pull-up/pull-down value is latched as RMII select
during reset. See
24
VDDIO
Pwr
Digital IO 2.5/3.3V tolerance power supply.
Pin Number
Pin Name
Type
1
MDIO
I/O
Management Interface (MII) Data I/O: This pin requires an external 4.7K pull-up
resistor.
2
MDC
I
Management Interface (MII) Clock Input: This pin is synchronous to the MDIO
data interface
3
RXD3/
Ipd/O
MII Receive Data Output: RXD [3..0], these bits are synchronous with RXCLK.
PHYAD1
When RXDV is asserted, RXD [3..0] presents valid data to MAC through the MII.
RXD [3..0] is invalid when RXDV is de-asserted. The pull-up/pull-down value is
latched as PHYADDR [1] during reset. See
details.
4
RXD2/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [2]
PHYAD2
during reset. See
5
RXD1/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [3]
PHYAD3
during reset. See
6
RXD0/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [4]
PHYAD4
during reset. See
7
VDDIO
Pwr
Digital IO 2.5 /3.3V tolerance power supply.
8
GND
GND
Ground.
9
RXDV/
Ipd/O
MII Receive Data Valid Output: The pull-up/pull-down value is latched as
CRSDV/
pcs_lpbk during reset. See
PCS_LPBK
10
RXC
O
MII Receive Clock Output: Operating at 25MHz = 100Mbps, 2.5MHz = 10Mbps.
11
RXER/ISO
Ipd/O
MII Receive Error Output: The pull-up/pull-down value is latched as ISOLATE
during reset. See
12
GND
GND
Ground.
13
VDDC
Pwr
Digital core 2.5V only power supply.
14
TXER
Ipd
MII Transmit Error Input.
15
TXC/
Ipu/O
MII Transmit Clock Output: RMII Reference Clock Input.
16
TXEN
Ipd
MII Transmit Enable Input
17
TXD0
Ipd
MII Transmit Data Input
18
TXD1
Ipd
MII Transmit Data Input
19
TXD2
Ipd
MII Transmit Data Input
20
TXD3
Ipd
MII Transmit Data Input
21
COL/RMII
Ipd/O
MII Collision Detect Output: The pull-up/pull-down value is latched as RMII select
during reset. See
24
VDDIO
Pwr
Digital IO 2.5/3.3V tolerance power supply.
Pin Function
1
MDIO
I/O
Management Interface (MII) Data I/O: This pin requires an external 4.7K pull-up
resistor.
2
MDC
I
Management Interface (MII) Clock Input: This pin is synchronous to the MDIO
data interface
3
RXD3/
Ipd/O
MII Receive Data Output: RXD [3..0], these bits are synchronous with RXCLK.
PHYAD1
When RXDV is asserted, RXD [3..0] presents valid data to MAC through the MII.
RXD [3..0] is invalid when RXDV is de-asserted. The pull-up/pull-down value is
latched as PHYADDR [1] during reset. See
details.
4
RXD2/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [2]
PHYAD2
during reset. See
5
RXD1/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [3]
PHYAD3
during reset. See
6
RXD0/
Ipd/O
MII Receive Data Output: The pull-up/pull-down value is latched as PHYADDR [4]
PHYAD4
during reset. See
7
VDDIO
Pwr
Digital IO 2.5 /3.3V tolerance power supply.
8
GND
GND
Ground.
9
RXDV/
Ipd/O
MII Receive Data Valid Output: The pull-up/pull-down value is latched as
CRSDV/
pcs_lpbk during reset. See
PCS_LPBK
10
RXC
O
MII Receive Clock Output: Operating at 25MHz = 100Mbps, 2.5MHz = 10Mbps.
11
RXER/ISO
Ipd/O
MII Receive Error Output: The pull-up/pull-down value is latched as ISOLATE
during reset. See
12
GND
GND
Ground.
13
VDDC
Pwr
Digital core 2.5V only power supply.
14
TXER
Ipd
MII Transmit Error Input.
15
TXC/
Ipu/O
MII Transmit Clock Output: RMII Reference Clock Input.
16
TXEN
Ipd
MII Transmit Enable Input
17
TXD0
Ipd
MII Transmit Data Input
18
TXD1
Ipd
MII Transmit Data Input
19
TXD2
Ipd
MII Transmit Data Input
20
TXD3
Ipd
MII Transmit Data Input
21
COL/RMII
Ipd/O
MII Collision Detect Output: The pull-up/pull-down value is latched as RMII select
during reset. See
24
VDDIO
Pwr
Digital IO 2.5/3.3V tolerance power supply.


Similar Part No. - KS8721B_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721BI MICREL-KS8721BI Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
KS8721BL MICREL-KS8721BL Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721BLI MICREL-KS8721BLI Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
More results

Similar Description - KS8721B_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721B MICREL-KS8721B Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
logo
Microchip Technology
KSZ8721BL MICROCHIP-KSZ8721BL Datasheet
572Kb / 44P
   3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
logo
Micrel Semiconductor
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
   Physical Layer Transceiver 10/100BASE-T/TX/FX
KS8001 MICREL-KS8001 Datasheet
623Kb / 44P
   1.8V, 3.3V 10/100BASETX/FX Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
logo
Microchip Technology
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
logo
Micrel Semiconductor
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com