Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA47200 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA47200
Description  Stripline PIN Diode Switch Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA47200 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA47200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA47200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA47200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA47200 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Stripline PIN Diode Switch Modules
V5
MA47200 Series
Part Number1
Package
Style
Test
Frequency
GHz
Maximum
Insertion3 Loss
dB
Minimum
Isolation
dB
Nominal Switching Speed (nS)
RF Off
to
RF On
RF On
to
RF Off
MA47208
114
1
VR = 20V
Loss ≤ 0.25dB
IF = 25mA
Isolation ≤ 30dB
300
150
MA47222
144
8
VR = 0V
Loss ≤ 0.50dB
IF = 100mA
Isolation ≤ 20dB
100
30
MA47223
144
4-82
VR = 0V
Loss ≤ 0.50dB
IF = 100mA
Isolation ≤ 20dB
150
30
Notes:
1.
All models have cathode heatsink
2.
Swept frequency measurement
3.
Maximum VSWR is 1.5:1 at specified insertion loss condition.
Part
Number
Maximum
Reverse
Voltage1
@ IR <10μA
Volts
Maximum
Chip
Capacitance
f = 1MHz
pF
Maximum
Series
Resistance
Ω
Maximum
Series
Resistance
Ω
Nominal Characteristics
Carrier
Lifetime2
nS
I-Region
Width
Microns
µm
MA47208
1000
VR = -100V
CJ ≤ 1.3pF
IF = 50mA
Freq. = 100MHz
RS ≤ .400 Ω
IF = 100mA
Freq. = 100MHz
RS ≤ .300 Ω
1300
125
MA47222
150
VR = -10V
CJ ≤ .09pF
IF = 10mA
Freq. = 500MHz
RS ≤ 1.6 Ω
IF = 100mA
Freq. = 500MHz
RS ≤ 1.2 Ω
160
13
MA47223
500
VR = -50V
CJ ≤ .20pF
IF = 100mA
Freq. = 500MHz
RS ≤ .6 Ω
1000
50
Maximum
Thermal
Resistance
°C/W
10
40
20
All Specifications (TAMB = +25°C)
Notes:
1. The maximum specified VR (reverse voltage) is sourced and the resultant reverse leakage current, Ir, is measured to be <10μA.
2. Nominal carrier life time specified with diode biased at IF = +10mA , IREV = -6mA


Similar Part No. - MA47200

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA47200 MA-COM-MA47200 Datasheet
147Kb / 3P
   Stripline PIN Diode Switch Modules
MA47200 MA-COM-MA47200 Datasheet
190Kb / 4P
   Stripline PIN Diode Switch Modules
MA47200 MA-COM-MA47200_15 Datasheet
681Kb / 5P
   Stripline PIN Diode Switch Modules
More results

Similar Description - MA47200

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P504-144 MA-COM-MA4P504-144 Datasheet
87Kb / 2P
   Stripline PIN Diode Switch Modules
MA47200 MA-COM-MA47200_15 Datasheet
681Kb / 5P
   Stripline PIN Diode Switch Modules
MA47200 MA-COM-MA47200 Datasheet
190Kb / 4P
   Stripline PIN Diode Switch Modules
MA47200 MA-COM-MA47200 Datasheet
147Kb / 3P
   Stripline PIN Diode Switch Modules
logo
Advanced Semiconductor
5082-3141 ASI-5082-3141 Datasheet
50Kb / 1P
   MICROSTRIP/STRIPLINE PIN DIODE SWITCH
5082-3170 ASI-5082-3170 Datasheet
17Kb / 1P
   MICROSTRIP/STRIPLINE PIN DIODE SWITCH
5082-3340 ASI-5082-3340 Datasheet
51Kb / 1P
   MICROSTRIP/STRIPLINE PIN DIODE SWITCH
5082-3041 ASI-5082-3041 Datasheet
51Kb / 1P
   MICROSTRIP/STRIPLINE PIN DIODE SWITCH
5082-3040 ASI-5082-3040 Datasheet
25Kb / 1P
   MICROSTRIP / STRIPLINE PIN DIODE SWITCH
5082-3140 ASI-5082-3140 Datasheet
20Kb / 1P
   MICROSTRIP/STRIPLINE NIP DIODE SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com