Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8634 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX8634
Description  Low Power, Capacitive Button and Slider Touch Controller with Enhanced LED
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8634 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX8634 Datasheet HTML 5Page - Semtech Corporation SX8634 Datasheet HTML 6Page - Semtech Corporation SX8634 Datasheet HTML 7Page - Semtech Corporation SX8634 Datasheet HTML 8Page - Semtech Corporation SX8634 Datasheet HTML 9Page - Semtech Corporation SX8634 Datasheet HTML 10Page - Semtech Corporation SX8634 Datasheet HTML 11Page - Semtech Corporation SX8634 Datasheet HTML 12Page - Semtech Corporation SX8634 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision 7_6, October 10
© 2010 Semtech Corp.
www.semtech.com
9
SX8634
Low Power, Capacitive Button and Slider Touch Controller
(12 sensors) with Enhanced LED Drivers and Proximity Sensing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
I2C Timing Specifications
(i)
SCL clock frequency
fSCL
400
KHz
SCL low period
tLOW
1.3
us
SCL high period
tHIGH
0.6
us
Data setup time
tSU;DAT
100
ns
Data hold time
tHD;DAT
0
ns
Repeated start setup time
tSU;STA
0.6
us
Start condition hold time
tHD;STA
0.6
us
Stop condition setup time
tSU;STO
0.6
us
Bus free time between stop and start
tBUF
500
us
Input glitch suppression
tSP
50
ns
Table 6
I2C Timing Specification
Notes:
(i) All timing specifications, Figure 4 and Figure 5, refer to voltage levels (VIL, VIH, VOL) defined in Table 5.
The interface complies with slave F/S mode as described by NXP: “I2C-bus specification, Rev. 03 - 19 June 2007”
Figure 4
I2C Start and Stop timing
Figure 5
I2C Data timing


Similar Part No. - SX8634

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8633 SEMTECH-SX8633 Datasheet
948Kb / 72P
   Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED
SX8633I05AWLTRT1 SEMTECH-SX8633I05AWLTRT1 Datasheet
948Kb / 72P
   Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED
SX8635 SEMTECH-SX8635 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Wheel Touch Controller with Enhanced LED
SX8635I05AWLTRT SEMTECH-SX8635I05AWLTRT Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Wheel Touch Controller with Enhanced LED
SX8636 SEMTECH-SX8636 Datasheet
917Kb / 71P
   Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED
More results

Similar Description - SX8634

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8648 SEMTECH-SX8648 Datasheet
672Kb / 76P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers
SX8644 SEMTECH-SX8644_11 Datasheet
748Kb / 78P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8644 SEMTECH-SX8644 Datasheet
690Kb / 76P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8638 SEMTECH-SX8638 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers and Proximity
SX8635 SEMTECH-SX8635 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Wheel Touch Controller with Enhanced LED
SX8633 SEMTECH-SX8633 Datasheet
948Kb / 72P
   Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED
SX8636 SEMTECH-SX8636 Datasheet
917Kb / 71P
   Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED
SX8646 SEMTECH-SX8646 Datasheet
605Kb / 67P
   Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers
SX8649 SEMTECH-SX8649 Datasheet
716Kb / 77P
   Ultra Low Power, Capacitive Button and Wheel Touch Controller (8 sensors) with Enhanced LED Drivers
SX8643 SEMTECH-SX8643 Datasheet
612Kb / 68P
   Ultra Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com