Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8121ISTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SX8121ISTRT
Description  1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8121ISTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SX8121ISTRT Datasheet HTML 1Page - Semtech Corporation SX8121ISTRT Datasheet HTML 2Page - Semtech Corporation SX8121ISTRT Datasheet HTML 3Page - Semtech Corporation SX8121ISTRT Datasheet HTML 4Page - Semtech Corporation SX8121ISTRT Datasheet HTML 5Page - Semtech Corporation SX8121ISTRT Datasheet HTML 6Page - Semtech Corporation SX8121ISTRT Datasheet HTML 7Page - Semtech Corporation SX8121ISTRT Datasheet HTML 8Page - Semtech Corporation SX8121ISTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.semtech.com/products/
Page 1
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8120/21
1V Motor/LED control timer
ACS - Revision 2.2
August 2010
© Semtech Corp.
Description
The SX8120/21 is a series of 1 V motor/LED control
timers.
The SX8120/21 goes active on the press of a button.
The output goes back to sleep on the next button
press or after a preset time-out (15 sec or 30 sec on
SX8120, 10 minutes or never on the SX8121). The
time-out duration and the motor control polarity are
pin-selected.
When the SX8120/21 is active, it sets its MOTOR
control pin to high or low and sends a burst on its
LED pin to control a LED or boost a command
voltage.
One output goes low when VDD is higher than the
full charge voltage of an NiMH cell to control a
minimal charger.
The SX8120/21 controls its IO state starting at 0.6V to
facilitate power-up.
Features
1 V operation
1 button operation
Pin selection of time-out
Pin selection of motor polarity
Boosted LED control (drives bright white and green
LEDS)
NiMH cell charger control (allows USB recharge)
Applications
Electric toothbrushes
Electric razors
Toys - LED animation
LED pointer
USB rechargeable
Ordering Informations
Part number
Function
Time out
SX8120ISTRT
1V motor controller
15 or 30 second
SX8121ISTRT
1V motor controller
10 minute or none
- Available in tape and reel only
- WEEE/RoHS compliant- Pb-Free and Halogen Free.
Functional Block Diagram
SX8120/21
VDD
MOTOR
VSS
LED
TO
BUTTON
POLARITY
NIMH
1.4V
Pulse
(counter )
Start/Stop
+
debounce
Motor
polarity
Burst
43kHz
VDD
3 - 5V
charger
Motor
1 – 2 V Alkaline
NiMH or NiCd cell
15 sec / 10 min
30 sec / None
High
Low
Start and Stop
SX8120 / SX8121


Similar Part No. - SX8121ISTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8121ISTRT SEMTECH-SX8121ISTRT Datasheet
546Kb / 17P
   1 V motor/LED control timers
More results

Similar Description - SX8121ISTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8122 SEMTECH-SX8122 Datasheet
537Kb / 16P
   1V Motor/LED timer
logo
List of Unclassifed Man...
RF64 ETC2-RF64 Datasheet
2Mb / 76P
   ADVANCED COMMUNICATIONS & SENSING
logo
Semtech Corporation
SX1509BIULTRT SEMTECH-SX1509BIULTRT Datasheet
1Mb / 37P
   ADVANCED COMMUNICATIONS & SENSING
SX8725S SEMTECH-SX8725S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1231A ETC-MC1231A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
Omron Electronics LLC
H2C OMRON-H2C Datasheet
551Kb / 8P
   Motor Timer
logo
Fairchild Semiconductor
FPF1013 FAIRCHILD-FPF1013 Datasheet
528Kb / 10P
   IntelliMAX 1V Rated Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com