Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8120ISTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX8120ISTRT
Description  1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8120ISTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX8120ISTRT Datasheet HTML 5Page - Semtech Corporation SX8120ISTRT Datasheet HTML 6Page - Semtech Corporation SX8120ISTRT Datasheet HTML 7Page - Semtech Corporation SX8120ISTRT Datasheet HTML 8Page - Semtech Corporation SX8120ISTRT Datasheet HTML 9Page - Semtech Corporation SX8120ISTRT Datasheet HTML 10Page - Semtech Corporation SX8120ISTRT Datasheet HTML 11Page - Semtech Corporation SX8120ISTRT Datasheet HTML 12Page - Semtech Corporation SX8120ISTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.semtech.com/products/
Page 9
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8120/21
1V Motor/LED control timer
ACS - Revision 2.2
August 2010
© Semtech Corp.
4.3
Digital input levels
Input thresholds levels scale with VDD. Inputs have an hysteresis based on a Schmitt trigger schematics.
4.4
Debounce on BUTTON pin
The BUTTON pin is active low. For a start/stop command detection, the voltage on the BUTTON pin must be
maintained low during 10ms. Then, a delay of 20ms is necessary before the next start/stop command.
This allow to remove wrong start/stop commands due to oscillations when using of low-cost push buttons.
4.5
NiMH pin
Pin NIMH goes high when VDD is below the NIMH threshold of 1.41V and low when VDD is above the same
threshold.
A 30mV hysteresis allow to remove NiMH pin oscillation when the VDD voltage is near the threshold.
The supply voltage on VDD pin is checked at a 1Hz rate, so the NiMH pin can switch with a delay of 1 seconds
max.
Figure 3. Input level scales with VDD
VDD
VIH
VIL
1
0
VDD
VIL, VIH vs VDD
2
1.5
0.5
0.8
1
1.2
1.4
1.6
1.8
2
Threshold


Similar Part No. - SX8120ISTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8120ISTRT SEMTECH-SX8120ISTRT Datasheet
546Kb / 17P
   1 V motor/LED control timers
More results

Similar Description - SX8120ISTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8122 SEMTECH-SX8122 Datasheet
537Kb / 16P
   1V Motor/LED timer
logo
List of Unclassifed Man...
RF64 ETC2-RF64 Datasheet
2Mb / 76P
   ADVANCED COMMUNICATIONS & SENSING
logo
Semtech Corporation
SX1509BIULTRT SEMTECH-SX1509BIULTRT Datasheet
1Mb / 37P
   ADVANCED COMMUNICATIONS & SENSING
SX8725S SEMTECH-SX8725S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1231A ETC-MC1231A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
Omron Electronics LLC
H2C OMRON-H2C Datasheet
551Kb / 8P
   Motor Timer
logo
Fairchild Semiconductor
FPF1013 FAIRCHILD-FPF1013 Datasheet
528Kb / 10P
   IntelliMAX 1V Rated Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com